Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6027596 Datasheet(PDF) 7 Page - SICK AG

Part # 6027596
Description  PHOTOELECTRIC SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6027596 Datasheet(HTML) 7 Page - SICK AG

  6027596 Datasheet HTML 1Page - SICK AG 6027596 Datasheet HTML 2Page - SICK AG 6027596 Datasheet HTML 3Page - SICK AG 6027596 Datasheet HTML 4Page - SICK AG 6027596 Datasheet HTML 5Page - SICK AG 6027596 Datasheet HTML 6Page - SICK AG 6027596 Datasheet HTML 7Page - SICK AG 6027596 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
VL18L-3P324 | V18 Laser
PHOTOELECTRIC SENSORS
Brief description
Type
Part no.
Mounting brackets and plates
Mounting plate for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WG-M18
5321870
Mounting bracket for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WN-M18
5308446
Reflectors
Rectangular, screw connection, 47 mm x 47 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
P250
5304812
Rectangular, screw connection, 80 mm x 80 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL80A
1003865
Fine triple reflector, screw connection, suitable for laser sensors, 47 mm x 47 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
P250F
5308843
Fine triple reflector, screw connection, suitable for laser sensors, 18 mm x 18 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
PL10F
5311210
Fine triple reflector, screw connection, suitable for laser sensors, 38 mm x 16 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
PL20F
5308844
Fine triple reflector, screw connection, suitable for laser sensors, 56 mm x 28 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
PL30F
5326523
Round, screw connection, PMMA/ABS, Center hole mounting, screw-on
C110A
5304549
2017-11-09 17:58:45 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com