Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P255FAQ336KATK Datasheet(PDF) 6 Page - World Produts Inc.

Part # P255FAQ336KATK
Description  Metallized Polypropylene Film Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

P255FAQ336KATK Datasheet(HTML) 6 Page - World Produts Inc.

  P255FAQ336KATK Datasheet HTML 1Page - World Produts Inc. P255FAQ336KATK Datasheet HTML 2Page - World Produts Inc. P255FAQ336KATK Datasheet HTML 3Page - World Produts Inc. P255FAQ336KATK Datasheet HTML 4Page - World Produts Inc. P255FAQ336KATK Datasheet HTML 5Page - World Produts Inc. P255FAQ336KATK Datasheet HTML 6Page - World Produts Inc. P255FAQ336KATK Datasheet HTML 7Page - World Produts Inc. P255FAQ336KATK Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
P255
( AC-filtering application )
(PCPW 255)
TYPE SPECIFICATION
6 OF 8
14-07-24
( C ) PILKOR ELECTRONICS 2013
QSN-075-77
VRac = 350Vac
VRdc = 875Vdc
Code
P255
P1±
±
±
± 0.5
(mm)
Irms
(1)
(A)
ESR
(2)
(m
Ω)
Tol. ±
±
±
± 10% / lt = 5±
±
±
± 1 mm
Cap
(
㎌)
b x h x l
(mm)
4-Pin
dv/dt
(V/us )
Ipk
(A)
2-pin
4-pin
2-pin
4-pin
2-pin
4-pin
Pitch = 27.5 ±
±
±
± 0.5 mm
dt = 0.8
dt = 1.2
1.4
11.0 x 19.0 x 31.0
-
39
58
*
-
*
-
HAL145KALJ
-
2.0
13.0 x 23.0 x 31.0
-
39
85
*
-
*
-
HAL205KALJ
-
2.5
15.0 x 25.0 x 31.0
-
39
117
*
-
*
-
HAL255KALJ
-
3.5
18.0 x 28.0 x 31.0
-
39
156
*
-
*
-
HAL355KALJ
-
5.5
21.0 x 31.0 x 31.0
-
39
214
*
-
*
-
HAL555KALJ
-
Pitch = 37.5 ±
±
±
± 0.5 mm
dt = 1.0
dt = 1.2
7.5
18.0 X 33.0 X 42.0
-
26
195
*
-
*
-
HAQ755KAGJ
-
9.0
20.0 X 35.0 X 42.0
10.2
26
234
*
*
*
*
HAQ905KAGJ
HAQ905KAPJ
13.0
24.0 X 39.0 X 42.0
10.2
26
338
-
*
-
*
-
HAQ136KAPJ
17.0
28.0 X 43.0 X 42.0
10.2
26
442
-
*
-
*
-
HAQ176KAPJ
20.0
30.0 X 45.0 X 42.0
20.3
26
507
-
*
-
*
-
HAQ206KAPJ
Pitch = 52.5 ±
±
±
± 0.5 mm
dt = 1.2
dt = 1.2
25.0
30.0 X 45.0 X 57.5
20.3
18
450
-
*
-
*
-
HAT256KAPJ
30.0
30.0 X 45.0 X 57.5
20.3
18
540
-
*
-
*
-
HAT306KAPJ
36.0
35.0 X 50.0 X 57.5
20.3
18
630
-
*
-
*
-
HAT366KAPJ
* In Progress
(1) Max. at 10KHz, +70℃
(2) Typical values at 10KHz
DRAFT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com