Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P255FAQ336JATK Datasheet(PDF) 2 Page - World Produts Inc.

Part # P255FAQ336JATK
Description  Metallized Polypropylene Film Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

P255FAQ336JATK Datasheet(HTML) 2 Page - World Produts Inc.

  P255FAQ336JATK Datasheet HTML 1Page - World Produts Inc. P255FAQ336JATK Datasheet HTML 2Page - World Produts Inc. P255FAQ336JATK Datasheet HTML 3Page - World Produts Inc. P255FAQ336JATK Datasheet HTML 4Page - World Produts Inc. P255FAQ336JATK Datasheet HTML 5Page - World Produts Inc. P255FAQ336JATK Datasheet HTML 6Page - World Produts Inc. P255FAQ336JATK Datasheet HTML 7Page - World Produts Inc. P255FAQ336JATK Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
P255
( AC-filtering application )
(PCPW 255)
TYPE SPECIFICATION
2 OF 8
14-07-24
( C ) PILKOR ELECTRONICS 2013
QSN-075-77
Ordering Information
P
2
5
5
F
A
L
4
0
5
J
A
G
J
1
2
3
4
5
6
7
b
dt
h
l
lt
b
dt
h
l
lt
P
±0.5
P
±0.5
P1
±0.5
< 2-pin type >
< 4-pin type >
DRAFT
1
Series Name
P255
(PCPW 255)
2
Code
Voltage
FA
250Vac
GA
300Vac
HA
350Vac
JA
400Vac
3
Code
Original Pitch
L
27.5mm
Q
37.5mm
T
52.5mm
4
Code
Capacitance
(example)
335
3.3uF
336
33uF
5
Code
Capacitance
Tolerance
J
± 5 %
K
± 10 %
7
Product(lmax)
31.0
42.0
57.0
Code
Packing Method
Lead length
Lead Type
Pitch(P)
GJ
Arrange Packing
Lt=5.0
±1.0mm
2-pin
27.5
37.5
52.5
LJ
Loose in box
Lt=5.0
±1.0mm
2-pin
27.5
-
-
LK
Loose in box
Lt=25.0
±2.0mm
2-pin
27.5
-
-
PJ
Arrange Packing
Lt=5.0
±1.0mm
4-pin
27.5
37.5
52.5
TK
Loose in box
Lt=25.0
±2.0mm
4-pin
27.5
-
-
6
Code
Revision
A
Standard



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com