Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCMP384F83 Datasheet(PDF) 7 Page - World Produts Inc.

Part # PCMP384F83
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384F83 Datasheet(HTML) 7 Page - World Produts Inc.

Back Button PCMP384F83 Datasheet HTML 3Page - World Produts Inc. PCMP384F83 Datasheet HTML 4Page - World Produts Inc. PCMP384F83 Datasheet HTML 5Page - World Produts Inc. PCMP384F83 Datasheet HTML 6Page - World Produts Inc. PCMP384F83 Datasheet HTML 7Page - World Produts Inc. PCMP384F83 Datasheet HTML 8Page - World Produts Inc. PCMP384F83 Datasheet HTML 9Page - World Produts Inc. PCMP384F83 Datasheet HTML 10Page - World Produts Inc. PCMP384F83 Datasheet HTML 11Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
191
VRdc = 630 V
VRac = 400 V
~
CATALOGUE NUMBER
PCMP 384 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 16.0 mm
Reduced pitch(7.5mm)
Cap
(㎌)
b x h x l
(mm)
Mess
(g)
C – tol. ± 5 %
C – tol. ± 5 %
Pitch = 10.0
± 0.4 mm
dt = 0.6 +0.06/-0.05 mm
0.0010
0.0011
0.0012
0.0013
0.0015
0.0016
0.0018
0.0020
0.0022
0.0024
0.0027
0.0030
0.0033
0.0036
0.0039
0.0043
0.0047
0.0051
0.0056
0.0062
0.0068
0.0075
0.0082
4.0 x 10.0 x 12.5
0.8
PCMP 384 12102
PCMP 384 12112
PCMP 384 12122
PCMP 384 12132
PCMP 384 12152
PCMP 384 12162
PCMP 384 12182
PCMP 384 12202
PCMP 384 12222
PCMP 384 12242
PCMP 384 12272
PCMP 384 12302
PCMP 384 12332
PCMP 384 12362
PCMP 384 12392
PCMP 384 12432
PCMP 384 12472
PCMP 384 12512
PCMP 384 12562
PCMP 384 12622
PCMP 384 12682
PCMP 384 12752
PCMP 384 12822
PCMP 384 1A102
PCMP 384 1A112
PCMP 384 1A122
PCMP 384 1A132
PCMP 384 1A152
PCMP 384 1A162
PCMP 384 1A182
PCMP 384 1A202
PCMP 384 1A222
PCMP 384 1A242
PCMP 384 1A272
PCMP 384 1A302
PCMP 384 1A332
PCMP 384 1A362
PCMP 384 1A392
PCMP 384 1A432
PCMP 384 1A472
PCMP 384 1A512
PCMP 384 1A562
PCMP 384 1A622
PCMP 384 1A682
PCMP 384 1A752
PCMP 384 1A822
0.0091
0.010
0.011
0.012
5.0 x 11.0 x 12.5
0.9
PCMP 384 12912
PCMP 384 12103
PCMP 384 12113
PCMP 384 12123
PCMP 384 1A912
PCMP 384 1A103
PCMP 384 1A113
PCMP 384 1A123
0.013
0.015
0.016
0.018
6.0 x 12.0 x 12.5
1.0
PCMP 384 12133
PCMP 384 12153
PCMP 384 12163
PCMP 384 12183
PCMP 384 1A133
PCMP 384 1A153
PCMP 384 1A163
PCMP 384 1A183
Pitch = 15.0
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.020
0.022
0.024
0.027
5.0 x 11.0 x 18.0
1.2
PCMP 384 12203
PCMP 384 12223
PCMP 384 12243
PCMP 384 12273
PCMP 384 1A203
PCMP 384 1A223
PCMP 384 1A243
PCMP 384 1A273
0.030
0.033
0.036
0.039
6.0 x 12.0 x 18.0
1.4
PCMP 384 12303
PCMP 384 12333
PCMP 384 12363
PCMP 384 12393
PCMP 384 1A303
PCMP 384 1A333
PCMP 384 1A363
PCMP 384 1A393
0.043
0.047
7.0 x 13.5 x 18.0
1.9
PCMP 384 12433
PCMP 384 12473
PCMP 384 1A433
PCMP 384 1A473
0.051
0.056
0.062
0.068
8.5 x 15.0 x 18.0
2.6
PCMP 384 12513
PCMP 384 12563
PCMP 384 12623
PCMP 384 12683
PCMP 384 1A513
PCMP 384 1A563
PCMP 384 1A623
PCMP 384 1A683
0.075
0.082
0.091
0.10
10.0 x 16.5 x 18.0
3.1
PCMP 384 12753
PCMP 384 12823
PCMP 384 12913
PCMP 384 12104
PCMP 384 1A753
PCMP 384 1A823
PCMP 384 1A913
PCMP 384 1A104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com