Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P255FAQ335JALK Datasheet(PDF) 1 Page - World Produts Inc.

Part # P255FAQ335JALK
Description  Metallized Polypropylene Film Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

P255FAQ335JALK Datasheet(HTML) 1 Page - World Produts Inc.

  P255FAQ335JALK Datasheet HTML 1Page - World Produts Inc. P255FAQ335JALK Datasheet HTML 2Page - World Produts Inc. P255FAQ335JALK Datasheet HTML 3Page - World Produts Inc. P255FAQ335JALK Datasheet HTML 4Page - World Produts Inc. P255FAQ335JALK Datasheet HTML 5Page - World Produts Inc. P255FAQ335JALK Datasheet HTML 6Page - World Produts Inc. P255FAQ335JALK Datasheet HTML 7Page - World Produts Inc. P255FAQ335JALK Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
P255
( AC-filtering application )
(PCPW 255)
TYPE SPECIFICATION
1 OF 8
14-07-24
( C ) PILKOR ELECTRONICS 2013
QSN-075-77
QUICK REFERENCE DATA
Capacitance range
Capacitance tolerance
Rated voltage (VRac)
Insulation resistance (IR)
Test voltage with terminals
IEC Climatic category
Max. operating temperature
Life time expectancy
Reference
Potting & Encapsulation material
1
㎌
㎌
㎌
㎌ to 60㎌
㎌
㎌
㎌
±
±
±
± 5%, ±
±
±
± 10%
250, 300, 350, 400
> 10,000s after 1minute of electrification at 500V
1.5 x VRdc applied for 10s
40/ 85 / 56
105
℃
> 60.000 hours at VR
IEC 60068 / IEC61071
Qualified in accordance with UL94V-0
FEATURES
. Optimized AC voltage performance
. High ripple current/frequency capability
. Small dimensions
. For PCB mounting
APPLICATIONS
. Output AC filtering for power converters UPS,
solar inverters, motor drives
•
••
• Please refer to caution and warning at http://www.pilkor.co.kr/download/Introductions.pdf
before using these products.
DRAFT


Similar Part No. - P255FAQ335JALK

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
P25 TEC-P25 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
logo
Tyco Electronics
P25 MACOM-P25 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
logo
Amphenol Corporation
P25 AMPHENOL-P25 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Harwin Plc
P25-0123 HARWIN-P25-0123 Datasheet
59Kb / 1P
2.54mm MIN. CENTRE TWO-PIECE SPRING PROBE
P25-0126 HARWIN-P25-0126 Datasheet
61Kb / 1P
2.54mm MIN. CENTRE TWO-PIECE SPRING PROBE
More results

Similar Description - P255FAQ335JALK

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com