Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L78M15CV Datasheet(PDF) 13 Page - STMicroelectronics

Part # L78M15CV
Description  POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M15CV Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L78M15CV Datasheet HTML 9Page - STMicroelectronics L78M15CV Datasheet HTML 10Page - STMicroelectronics L78M15CV Datasheet HTML 11Page - STMicroelectronics L78M15CV Datasheet HTML 12Page - STMicroelectronics L78M15CV Datasheet HTML 13Page - STMicroelectronics L78M15CV Datasheet HTML 14Page - STMicroelectronics L78M15CV Datasheet HTML 15Page - STMicroelectronics L78M15CV Datasheet HTML 16Page - STMicroelectronics L78M15CV Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
L78M00 SERIES
13/21
Figure 16 : Adjustable Output Regulator (7 to 30V)
Figure 17 : 0.5 to 10V Regulator
Figure 18 : High Current Voltage Regulator
Figure 19 : High Output Current with Short Circuit
R4
VO =Vxx 
R1
VBEQ1
R1 = 
IQ1
IREQ - 
β
Q1
VBEQ1
IO =IREG +Q1 (IREG )
R1
VBEQ2
VO = 
ISC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com