Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ODiSI6100-R Datasheet(PDF) 2 Page - A-Data Technology

Part # ODiSI6100-R
Description  Optical Distributed Sensor Interrogator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ODiSI6100-R Datasheet(HTML) 2 Page - A-Data Technology

  ODiSI6100-R Datasheet HTML 1Page - A-Data Technology ODiSI6100-R Datasheet HTML 2Page - A-Data Technology ODiSI6100-R Datasheet HTML 3Page - A-Data Technology ODiSI6100-R Datasheet HTML 4Page - A-Data Technology ODiSI6100-R Datasheet HTML 5Page - A-Data Technology ODiSI6100-R Datasheet HTML 6Page - A-Data Technology ODiSI6100-R Datasheet HTML 7Page - A-Data Technology ODiSI6100-R Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ODiSI 6100
ODiSI 6100 Preliminary Data Sheet
ODiSI 6100 BASE CONFIGURATION
Additional Base
Configuration Features:
Included with Base Configuration:
ODiSI 6100 mainframe configured with 1 to 8
active measurement channels
ODiSI laptop controller laptop running single
function Linux OS and ODiSI operating software
and associated cabling
One 50m, rugged stand-off cable per channel
to connect ODiSI interrogator and one “remote
module” per channel which connects ODiSI
sensors to the stand-off cable
Standard configuration also includes a rugged
shipping case, sample fiber sensors (HD) and
Luna’s fiber optic sensor application kit
Real-time streaming data
Stream measurements in real-time
at the maximum measurement rate
to a file or via TCP-IP to another
computer
Ease of Integration / Ease of Use
Intuitive , easy to setup and use
graphical user interface
IEEE 1588 PTP (Precision Time
Protocol) synchronization
Json-based digital streaming data
Sync output TTL pulse
Reliability
Continuous automatic optical
alignment without user intervention
System and sensor health check
ensures high data fidelity
Traceability
Optical frequencies validated
every acquisition for accurate
measurements
Strain sensors and associated
coefficients calibrated with NIST
traceable fixtures
ODiSI 6100 Graphical User Interface



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com