Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1061063 Datasheet(PDF) 7 Page - SICK AG

Part # 1061063
Description  PHOTOELECTRIC SENSORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1061063 Datasheet(HTML) 7 Page - SICK AG

Back Button 1061063 Datasheet HTML 2Page - SICK AG 1061063 Datasheet HTML 3Page - SICK AG 1061063 Datasheet HTML 4Page - SICK AG 1061063 Datasheet HTML 5Page - SICK AG 1061063 Datasheet HTML 6Page - SICK AG 1061063 Datasheet HTML 7Page - SICK AG 1061063 Datasheet HTML 8Page - SICK AG 1061063 Datasheet HTML 9Page - SICK AG 1061063 Datasheet HTML 10Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
WL12GC-3P2472A91 | W12G
PHOTOELECTRIC SENSORS
Dimensional drawing (Dimensions in mm (inch))
1
5
4
5
7
6
2
3
17.9
(0.70)
7.3 (0.29)
23.1
(0.91)
6.1
(0.24)
42 (1.65)
24 (0.94)
10 (0.39)
29.9 (1.18)
15.6 (0.61)
①  Optical axis
②  LED indicator yellow: Status of received light beam
③  LED indicator green: Supply voltage active
④  M4 threaded mounting hole, 4 mm deep
⑤  Mounting hole, Ø 4.2 mm
⑥  Sensitivity setting: single teach-in button
⑦  Connection
Recommended accessories
Other models and accessories
www.sick.com/W12G
Brief description
Type
Part no.
Universal bar clamp systems
Plate N02 for universal clamp bracket, Zinc plated steel (sheet), Zinc die cast (clamping
bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N02
2051608
Plate N03 for universal clamp bracket, zinc coated, Zinc plated steel (sheet), Zinc die
cast (clamping bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N03
2051609
Plate N04 for universal clamp, steel, Zinc plated steel (sheet), Zinc die cast (clamping
bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N04
2051610
Device protection (mechanical)
Protective housing for universal clamp, Zinc plated steel (protective housing), Zinc die
cast (clamping bracket), Universal clamp, mounting hardware
BEF-SG-W12-3
2045175
2017-11-08 18:00:44 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com