Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC222CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC222CS
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC222CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC222CS Datasheet HTML 4Page - Linear Technology LTC222CS Datasheet HTML 5Page - Linear Technology LTC222CS Datasheet HTML 6Page - Linear Technology LTC222CS Datasheet HTML 7Page - Linear Technology LTC222CS Datasheet HTML 8Page - Linear Technology LTC222CS Datasheet HTML 9Page - Linear Technology LTC222CS Datasheet HTML 10Page - Linear Technology LTC222CS Datasheet HTML 11Page - Linear Technology LTC222CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC221/LTC222
12
2212fa
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC201/LTC202/LTC203 Micropower, Low Charge Injection, Quad CMOS Analog Switches
DG201/DG202 Compatible
LTC1380/LTC1393
8-Channel/4-Channel Analog Multiplexer with SMBus Interface
3V to ±15V, 8 Single Ended/4 Differential Inputs
LTC1390/LTC1391
8-Channel, Analog Multiplexer with Serial Interface
3V to ±15V Operation
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LW/TP 1002 1K REV A • PRINTED IN USA
 LINEAR TECHNOLOGY CORPORATION 1991



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com