Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2124 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2124
Description  Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2124 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC2124 Datasheet HTML 4Page - NXP Semiconductors LPC2124 Datasheet HTML 5Page - NXP Semiconductors LPC2124 Datasheet HTML 6Page - NXP Semiconductors LPC2124 Datasheet HTML 7Page - NXP Semiconductors LPC2124 Datasheet HTML 8Page - NXP Semiconductors LPC2124 Datasheet HTML 9Page - NXP Semiconductors LPC2124 Datasheet HTML 10Page - NXP Semiconductors LPC2124 Datasheet HTML 11Page - NXP Semiconductors LPC2124 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Philips Semiconductors
LPC2114/LPC2124
Single-chip 16/32-bit microcontrollers
Product data
Rev. 03 — 22 December 2004
8 of 34
9397 750 13145
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
XTAL2
61
O
Output from the oscillator amplifier.
VSS
6, 18, 25, 42,
50
I
Ground: 0 V reference.
VSSA
59
I
Analog Ground: 0 V reference. This should nominally be the same voltage
as VSS, but should be isolated to minimize noise and error.
VSSA_PLL
58
I
PLL Analog Ground: 0 V reference. This should nominally be the same
voltage as VSS, but should be isolated to minimize noise and error.
V18
17, 49
I
1.8 V Core Power Supply: This is the power supply voltage for internal
circuitry.
V18A
63
I
Analog 1.8 V Core Power Supply: This is the power supply voltage for
internal circuitry. This should be nominally the same voltage as V18 but should
be isolated to minimize noise and error.
V3
23, 43, 51
I
3.3 V Pad Power Supply: This is the power supply voltage for the I/O ports.
V3A
7I
Analog 3.3 V Pad Power Supply: This should be nominally the same
voltage as V3 but should be isolated to minimize noise and error.
Table 3:
Pin description…continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com