| Electronic Components Datasheet Search |
|
HCS412TSN Datasheet(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS412TSN Datasheet(HTML) 2 Page - Microchip Technology |
|
2 / 44 page ![]() HCS412 DS41099C-page 2 Preliminary © 2002 Microchip Technology Inc. GENERAL DESCRIPTION The HCS412 combines patented KEELOQ code hop- ping technology with bi-directional transponder chal- lenge-and-response security into a single chip solution for logical and physical access control. When used as a code hopping encoder, the HCS412 is ideally suited to keyless entry systems; vehicle and garage door access in particular. The same HCS412 can also be used as a secure bi-directional transponder for contactless token verification. These capabilities make the HCS412 ideal for combined secure access control and identification applications, dramatically reducing the cost of hybrid transmitter/transponder solutions. 1.0 SYSTEM OVERVIEW Key Terms The following is a list of key terms used throughout this data sheet. For additional information on terminology, please refer to the KEELOQ introductory Technical Brief (TB003). • RKE - Remote Keyless Entry. • PKE - Passive Keyless Entry. • Button Status - Indicates what transponder but- ton input(s) activated the transmission. Encom- passes the 4 button status bits LC0, S2, S1 and S0 (Figure 3-2). • Code Hopping - A method by which a code, viewed externally to the system, appears to change unpredictably each time it is transmitted (Section 1.1.3). • Code word - A block of data that is repeatedly transmitted upon button activation (Section 3.2). • Transmission - A data stream consisting of repeating code words. • Crypt key - A unique and secret 64-bit number used to encrypt and decrypt data. In a symmetri- cal block cipher such as the KEELOQ algorithm, the encryption and decryption keys are equal and will therefore be referred to generally as the crypt key. • Encoder - A device that generates and encodes data. • Encryption Algorithm - A recipe whereby data is scrambled using a crypt key. The data can only be interpreted by the respective decryption algorithm using the same crypt key. • Decoder - A device that decodes data received from an encoder. • Transponder Reader (Reader, for short) - A device that authenticates a token using bi-direc- tional communication. • Decryption algorithm - A recipe whereby data scrambled by an encryption algorithm can be unscrambled using the same crypt key. • Learn – Learning involves the receiver calculating the transmitter’s appropriate crypt key, decrypting the received hopping code and storing the serial number, synchronization counter value and crypt key in EEPROM (Section 6.1). The KEELOQ prod- uct family facilitates several learning strategies to be implemented on the decoder. The following are examples of what can be done. - Simple Learning The receiver uses a fixed crypt key, common to all components of all systems by the same manufacturer, to decrypt the received code word’s encrypted portion. - Normal Learning The receiver uses information transmitted during normal operation to derive the crypt key and decrypt the received code word’s encrypted portion. - Secure Learn The transmitter is activated through a special button combination to transmit a stored 60-bit seed value used to generate the transmitter’s crypt key. The receiver uses this seed value to derive the same crypt key and decrypt the received code word’s encrypted portion. • Manufacturer’s code - A unique and secret 64- bit number used to generate unique encoder crypt keys. Each encoder is programmed with a crypt key that is a function of the manufacturer’s code. Each decoder is programmed with the manufac- turer code itself. • Anticollision - A scheme whereby transponders in the same field can be addressed individually preventing simultaneous response to a command (Section 4.3.1). • IFF - Identify Friend or Foe (Section 1.2). • Proximity Activation - A method whereby an encoder automatically initiates a transmission in response to detecting an inductive field (Section 4.4.1). • Transport code - An access code, ‘password’ known only by the manufacturer, allowing pro- gram access to certain secure device memory areas (Section 4.3.3). • AGC - Automatic Gain Control. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |