| Electronic Components Datasheet Search |
|
8169 Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
8169 Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 30 page ![]() STA304A 14/30 9.0 BASS MANAGEMENTAND EQ The STA304A has the ability to redirect the sound to the SBW channel and to pass each channel through a 4- stage cascaded 2nd order IIR filter. With the combination of the DDX gain/compressor (CRA register bits 2-3) a dynamic EQ can be implemented. Beside that, a special Side-Firing sound can be achieved by enabling this feature available with the ready made filter topology on the surround channels. 9.1 Bass Redirection Figure 8. There is an option to redirect each input channel to the SBW output channel. The Scale factor of each channel should be set with values in the range of 0 (no redirection) to -1 (full redirection). About setting the scaling factors registers, see paragraph 10. The redirection is taking place when the bit 0 of the Bass Management Register (add.72h) is set (see section 12.13). Together with the static EQ option (following section), by setting appropriate filters, a full bass management so- lution is available. (*) Note: C and LFE channels are available only with 6 channels AC97 input. In case of 4 channels I2S, only L, R, LS, RS are available 9.2 Static EQ Figure 9. Phantom LR Filter LR Filter Sur Filter Sur Filter + Scale L Scale C Scale R Scale LS Scale RS Scale LFE SBW Filter L C R LS RS LFE L R LS RS SBW (IIS C) (*) (*) Scale in Factor bi-quad0 bi-quad1 bi-quad2 bi-quad3 Input Output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |