Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEBWR1603FZGS-1-D Datasheet(PDF) 6 Page - DDK Ltd.

Part # WEBWR1603FZGS-1-D
Description  Waterproof Circular Connectors for Solder Terminations Meeting IP67
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

WEBWR1603FZGS-1-D Datasheet(HTML) 6 Page - DDK Ltd.

  WEBWR1603FZGS-1-D Datasheet HTML 1Page - DDK Ltd. WEBWR1603FZGS-1-D Datasheet HTML 2Page - DDK Ltd. WEBWR1603FZGS-1-D Datasheet HTML 3Page - DDK Ltd. WEBWR1603FZGS-1-D Datasheet HTML 4Page - DDK Ltd. WEBWR1603FZGS-1-D Datasheet HTML 5Page - DDK Ltd. WEBWR1603FZGS-1-D Datasheet HTML 6Page - DDK Ltd. WEBWR1603FZGS-1-D Datasheet HTML 7Page - DDK Ltd. WEBWR1603FZGS-1-D Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Unit:mm
http://www.ddknet.co.jp
WEB Series
6
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○WEBR(Box Receptacle)
Shell
Size
Number of
Contacts
Part Number
φ A
φ B
C
D
V
13
3WEBR13
03
□□□□ -D
16
18
20
26
M16
5
WEBR1305 □□□□ -D
16
18
20
26
M16
16
7
WEBR1607 □□□□ -D
20
22
2329
M20
10
WEBR1610 □□□□ -D
20
22
2329
M20
21
4
WEBR2104 □□□□ -D
24
26
26
32
M24
7
WEBR2107 □□□□ -D
24
26
26
32
M24
10
WEBR2110 □□□□ -D
24
26
26
32
M24
16
WEBR2116 □□□□ -D
24
26
26
32
M24
19
WEBR2119 □□□□ -D
24
26
26
32
M24
25
16
WEBR2516 □□□□ -D
28
30
29
35
M28
24
WEBR2524 □□□□ -D
28
30
29
35
M28
28
WEBR2528 □□□□ -D
28
30
29
35
M28
32
WEBR2532 □□□□ -D
28
30
29
35
M28
23
2
10.5
5
‥
1
3 4
5
10
14
021-016
2
67 89
11 12 13
15 16
Y
X
Z
D
C
4-φ3.2
(Complete Thread Length)
V Thread
WEBR2524M □ GS -D
① Connector Style
R : Box Receptacle
② Shell Size
13, 16, 21 and 25
③ Number of Contacts
03, 04, 05, 07, 10, 16, 19, 24, 28 and 32
④ Contact Style
M : Male Contact(Pin)
F : Female Contact(Socket)
⑤ Alternate Insert Position
Omit : Standard Position
X, Y, Z : Alternate Insert Position
⑥ Contact Plating
Omit : Silver Plating (Standard)
G : Gold Plating
⑦ Flange Gasket
Omit:Less Gasket
  S:With Gasket(R and WR Only)
⑧ Finish
D:Trivalent Chromium Treatment (Black)
①②
③ ④ ⑤ ⑥ ⑦ ⑧



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com