Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38692 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38692
Description  1A Low Dropout CMOS Linear Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38692 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP38692 Datasheet HTML 1Page - National Semiconductor (TI) LP38692 Datasheet HTML 2Page - National Semiconductor (TI) LP38692 Datasheet HTML 3Page - National Semiconductor (TI) LP38692 Datasheet HTML 4Page - National Semiconductor (TI) LP38692 Datasheet HTML 5Page - National Semiconductor (TI) LP38692 Datasheet HTML 6Page - National Semiconductor (TI) LP38692 Datasheet HTML 7Page - National Semiconductor (TI) LP38692 Datasheet HTML 8Page - National Semiconductor (TI) LP38692 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Connection Diagrams
20126603
TO-252, Top View
LP38690DT-X.X
20126604
SOT-223, Top View
LP38692MP-X.X
20126605
6-Lead LLP, Bottom View
LP38690SD-X.X
20126606
6-Lead LLP, Bottom View
LP38692SD-X.X
Pin Description
PIN
DESCRIPTION
V
IN
This is the input supply voltage to the regulator. For LLP devices, both V
IN pins must be tied
together for full current operation (500mA maximum per pin).
GND
Circuit ground for the regulator. This is connected to the die through the lead frame, and also
functions as the heat sink when the large ground pad is soldered down to a copper plane.
SNS
Output sense pin allows remote sensing at the load which will eliminate the error in output
voltage due to voltage drops caused by the resistance in the traces between the regulator and
the load. This pin must be tied to V
OUT.
V
EN
The enable pin allows the part to be turned ON and OFF by pulling this pin high or low.
V
OUT
Regulated output voltage.
Ordering Information
Order Number
Package Marking
Package Type
Package Drawing
Supplied As
LP38690SD-1.8
L113B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38690SD-2.5
L114B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38690SD-3.3
L115B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38690SD-5.0
L116B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38690DT-1.8
LP38690DT-1.8
TO-252
TD03B
Available Soon
LP38690DT-2.5
LP38690DT-2.5
TO-252
TD03B
Available Soon
LP38690DT-3.3
LP38690DT-3.3
TO-252
TD03B
Available Soon
LP38690DT-5.0
LP38690DT-5.0
TO-252
TD03B
Available Soon
LP38692SD-1.8
L123B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38692SD-2.5
L124B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38692SD-3.3
L125B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38692SD-5.0
L126B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38692MP-1.8
LJPB
SOT-223
MP05A
1000 Units Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com