Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG07N10J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG07N10J
Description  N-Ch Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG07N10J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG07N10J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG07N10J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG07N10J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SSG07N10J
7A , 100V , RDS(ON) 28m
N-Ch Enhancement Mode Power MOSFET
10-Feb-2017 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
100
-
-
V
VGS=0, ID=250µA
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=80V, VGS=0
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VDS=0V, VGS=±20V
On Characteristics
1
Gate-Threshold Voltage
VGS(th)
1.2
-
3
V
VDS=VGS, ID=250µA
-
25
28
VGS=10V, ID=7A
Static Drain-Source On-Resistance
RDS(ON)
-
30
38
m
VGS=4.5V, ID=5A
Forward Transconductance
gFS
-
22
-
S
VGS=5V, ID=7A
Dynamic Characteristics
Input Capacitance
Ciss
-
1848
-
Output Capacitance
Coss
-
276
-
Reverse Transfer Capacitance
Crss
-
97.9
-
pF
VGS=0
VDS=15V
f=1MHz
Switching Characteristics
Total Gate Charge
Qg
-
31.9
-
Gate-Source Charge
Qgs
-
5.5
-
Gate-Drain (“Miller”) Change
Qgd
-
8.8
-
nC
VDS=80V
VGS=10V
ID=7A
Turn-on Delay Time
Td(on)
-
11.4
-
Rise Time
Tr
-
27.2
-
Turn-off Delay Time
Td(off)
-
34.7
-
Fall Time
Tf
-
16.6
-
nS
VDD=50V
VGS=10V
RG=3.3
RL=6.7
ID=7A
Gate Resistance
Rg
-
1.9
-
VDS=0V, VGS=0, f=1MHz
Source-Drain Diode Characteristics
Diode Forward Voltage
1
VSD
-
-
1.2
V
VGS=0, IS=1A
Continuous Source Current
IS
-
-
7
A
Pulsed Source Current
ISM
-
-
28
A
Notes:
1. Pulse Test: Pulse width≦300µs,duty cycle≦2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com