Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF3134KW Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF3134KW
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF3134KW Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSF3134KW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF3134KW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF3134KW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF3134KW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSF3134KW
0.75A, 20V, RDS(ON) 380 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Power MOSFET
10-Jul-2017 Rev. D
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS=0, ID=250µA
Gate-Threshold Voltage
3
VGS(th)
0.35
-
1.1
V
VDS=VGS, ID=250µA
Gate-Source Leakage Current
IGSS
-
-
±20
µA
VDS=0, VGS= ±10V
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=20V, VGS=0
Forward Transconductance
gfs
1
-
-
S
VDS=10V, ID=0.8A
-
-
380
VGS=4.5V, ID=650mA
-
-
450
VGS=2.5V, ID=550mA
Static Drain-Source On-Resistance
3
RDS(ON)
-
-
800
m
VGS=1.8V, ID=450mA
Switching Characteristics
Input Capacitance
Ciss
-
120
-
Output Capacitance
Coss
-
20
-
Reverse Transfer Capacitance
Crss
-
15
-
pF
VDS=16V
VGS =0
f=1MHz
Total Gate Charge
Qg
-
0.88
-
Gate-Source Charge
Qgs
-
0.14
-
Gate-Drain Charge
Qgd
-
0.29
-
nC
ID=0.606A
VDS=10V
VGS=4.5V
Turn-on Delay Time
Td(on)
-
6.7
-
Rise Time
Tr
-
4.8
-
Turn-off Delay Time
Td(off)
-
17.3
-
Fall Time
Tf
-
7.4
-
nS
VDD=10V
VGEN=4.5V
RG=10
ID=0.5A
Drain-Source Diode Characteristics
Diode Forward Voltage
3
VSD
-
-
1.2
V
IS=0.15A, VGS=0
Notes:
1.
Repetitive Rating: Pulse width is limited by the maximum junction temperature.
2.
This test is performed without heat sink at TA=25°C.
3.
Pulse Test: Pulse width≤300µs, duty cycle≤0.5%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com