Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTSZ5259BW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MTSZ5259BW
Description  500mW, SOD-123LH Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MTSZ5259BW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MTSZ5259BW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MTSZ5259BW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MTSZ5259BW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MTSZ5259BW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
MTSZ52xxBW Series
500mW, SOD-123LH
Surface Mount Zener Diodes
02-Oct-2012 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Wide Zener Voltage Range Selection, 2.4V to 75V
VZ Tolerance Selection of ±5%
Flat Lead SOD-123LH Plastic Package
Surface Device Type Mounting
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123LH
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
500
mW
Operating and Storage Temperature Range
TJ, TSTG
-65~150
°C
SOD-123LH
E
F
B
C
D
A
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.30
3.70
D
2.50
2.70
B
1.50
1.70
E
0.05
0.20
C
0.80
1.00
F
0.50
0.70


Similar Part No. - MTSZ5259BW

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MTSZ5259BWS SECOS-MTSZ5259BWS Datasheet
256Kb / 4P
200mW , SOD-323L Surface Mount Zener Diodes
More results

Similar Description - MTSZ5259BW

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TZM5221B TAITRON-TZM5221B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
TZMC2V4 TAITRON-TZMC2V4 Datasheet
199Kb / 5P
500mW Surface Mount Zener Diodes
ZMM5221B TAITRON-ZMM5221B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ2V4 SUNMATE-MMSZ2V4 Datasheet
387Kb / 3P
500mW Surface Mount Zener Diodes
MMSZ4678 SUNMATE-MMSZ4678 Datasheet
316Kb / 2P
500mW Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
MMSZ5221B CHENG-YI-MMSZ5221B Datasheet
734Kb / 4P
500mW SURFACE MOUNT ZENER DIODES
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
500mW SOD-123 Surface Mount Zener Diodes
MMSZ52XXB SECOS-MMSZ52XXB Datasheet
465Kb / 3P
500mW, SOD-123 Series Surface Mount Zener Diodes
logo
First Silicon Co., Ltd
BZT52C2V4 FS-BZT52C2V4 Datasheet
196Kb / 3P
Zener Diode 500mW SOD-123 Surface Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com