Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPGPC000 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # RPGPC000
Description  MODEL ZUK - LARGE THRU-BORE ROTARY PULSE GENERATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

RPGPC000 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  RPGPC000 Datasheet HTML 1Page - Red Lion Controls. Inc RPGPC000 Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL NO.
1.125" Large Thru-Bore
Rotary Pulse Generators
60
ZUK0060H
100
ZUK0100H
DESCRIPTION
500
ZUK0500H
PPR
600
PART NUMBER
ZUK0600H
ZUK
1000
ZUK1000H
1200
ZUK1200H
2000
ZUK2000H
2500
ZUK2500H
ORDERING INFORMATION
ACCESSORIES
MODEL NO.
DESCRIPTION
PART NUMBER
CCBRPG
7-Pin MS Connector
CCBRPG00
7-Pin MS Connector with 10 ft 24 AWG
5 Conductor Cable w/drain
CCBRPG02
7-Pin MS Connector with 20 ft 24 AWG
5 Conductor Cable w/drain
CCBRPG03
RPGBI
Inch Bore Insert Kit (includes 0.5, 0.625, 0.875,
and 1 inch sleeves)
RPGBII00
Large Metric Bore Insert Kit (includes 19, 20,
24, and 25 mm sleeves)
RPGBIM00
RPGBSI
0.500 Inch Bore Sleeve
RPGBSI00
0.625 Inch Bore Sleeve
RPGBSI01
0.750 Inch Bore Sleeve
RPGBSI02
0.875 Inch Bore Sleeve
RPGBSI03
1 Inch Bore Sleeve
RPGBSI04
RPGBSM
19 mm Bore Sleeve
RPGBSM00
20 mm Bore Sleeve
RPGBSM01
24 mm Bore Sleeve
RPGBSM02
25 mm Bore Sleeve
RPGBSM03
RPGMK
Standard Tether Arm Kit 4.5 Inch
RPGMK002
Elongated Tether Arm Kit 8.5 Inch
RPGMK003
RPGMB *
Magnetic Coupling Kit (0.625 inch shaft)
RPGMB001
RPGPC
56C Protective Cover
RPGPC000
* ZUK encoders require 0.625 " bore sleeve to accomodate magnetic coupling.
Only factory stocked part numbers are listed. Consult Factory for part number
and availability of other PPR and output configurations.
LIMITED WARRANTY
The Company warrants the products it manufactures against defects in materials and workmanship
for a period limited to two years from the date of shipment, provided the products have been stored,
handled, installed, and used under proper conditions. The Company’s liability under this limited
warranty shall extend only to the repair or replacement of a defective product, at The Company’s
option. The Company disclaims all liability for any affirmation, promise or representation with
respect to the products.
The customer agrees to hold Red Lion Controls harmless from, defend, and indemnify RLC against
damages, claims, and expenses arising out of subsequent sales of RLC products or products
containing components manufactured by RLC and based upon personal injuries, deaths, property
damage, lost profits, and other matters which Buyer, its employees, or sub-contractors are or may be
to any extent liable, including without limitation penalties imposed by the Consumer Product Safety
Act (P.L. 92-573) and liability imposed upon any person pursuant to the Magnuson-Moss Warranty
Act (P.L. 93-637), as now in effect or as amended hereafter.
No warranties expressed or implied are created with respect to The Company’s products except
those expressly contained herein. The Customer acknowledges the disclaimers and limitations
contained herein and relies on no other warranties or affirmations.
Red Lion Controls
Headquarters
20 Willow Springs Circle
York PA 17406
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
Red Lion Controls
China
Unit 101, XinAn Plaza
Building 13, No.99 Tianzhou Road
ShangHai, P.R. China 200223
Tel +86 21 6113-3688
Fax +86 21 6113-3683
Red Lion Controls
Europe
Printerweg 10
NL - 3821 AD Amersfoort
Tel +31 (0) 334 723 225
Fax +31 (0) 334 893 793
Red Lion Controls
India
54, Vishvas Tenement
GST Road, New Ranip,
Ahmedabad-382480 Gujarat, India
Tel +91 987 954 0503
Fax +91 79 275 31 350
Open Collector Output Wiring
The ZUK series of sensors have open collector outputs. An open collector
output brings the uncommitted collector of the encoder switching device to the
external world. Because the collector element is not associated with the sensor
supply voltage, the sensor output collector may be “pulled up” to external
voltages different than the encoder supply voltage (30 VDC maximum). NPN
open collector outputs are current sinking devices. An output signal will not be
generated unless a pull-up resistor is connected from the open-collector to the
positive side of an external supply. The same supply can be used for powering
the unit and for the pull-up resistor.
Do not dispose of unit in trash - Recycle



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com