Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPGMB001 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # RPGMB001
Description  MODEL ZUK - LARGE THRU-BORE ROTARY PULSE GENERATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

RPGMB001 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  RPGMB001 Datasheet HTML 1Page - Red Lion Controls. Inc RPGMB001 Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL ZUK - LARGE THRU-BORE ROTARY PULSE GENERATORS
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
1. SUPPLY VOLTAGE: 4.75 to 28 VDC, 100 mA max. (no load)
2. OUTPUTS: NPN Open Collector Transistor, VOH = 30 VDC max.; 20 mA
max. current. Incremental - two square waves in quadrature with A leading
B for clockwise rotation.
3. MAX. PULSE RATE: 250 KHz
4. INDEX: NPN Open Collector Transistor, VOH = 30 VDC max.; 20 mA max.
current. Once per revolution centered over output Channel A. Index is a
positive going pulse.
5. MIN EDGE SEP: 45° electrical min, 63° electrical or better typical
6. RISE TIME: Less than 1 microsecond
7. ACCURACY: Within 0.1° mechanical from one cycle to any other cycle,
or 6 arc minutes.
MECHANICAL SPECIFICATIONS
1. MAXIMUM MECHANICAL SPEED: 4000 RPM
2. BORE SIZE: 1.125" (28.58 mm)
3. BORE TOLERANCES: -0.0000"/+0.0008"
4. USER SHAFT TOLERANCES:
Radial Runout: 0.005" max
Axial Endplay: +/- 0.050" max
5. STARTING TORQUE: 4.0 oz-in typical (28.24 N-mm) IP66
6. MOMENT OF INERTIA:
7.6 x 10-4 oz-in-sec2
7. MAX ACCELERATION: 1 X 105 rad/sec2
8. ELECTRICAL CONNECTOR: 7-pin MS type connector
9. HOUSING: Nylon composite
10. MOUNTING: 2.25" to 2.75" B.C. 3-point flex mount
11. WEIGHT: 8 oz. (226.7 g)
ENVIRONMENTAL SPECIFICATIONS
1. OPERATING TEMPERATURE: -20°C to 85°C
2. STORAGE TEMPERATURE: -20°C to 85°C
3. HUMIDITY: 98% RH non-condensing
4. VIBRATION: 20 g @ 5 to 2000 Hz
5. SHOCK: 80 g @ 11 msec duration
6. SEALING: IP66
Bulletin No. ZUK-B
Drawing No. LP0745
Released 08/13
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion.net
GENERAL DESCRIPTION
The ZUK is a high performance unit that is ideal for fast revving motor mount
applications. This industrial strength model features the largest thru bore
available in a 2.5" encoder, mounting directly on shafts as large as 1.125" (28
mm.) The injection molded housing is grooved with “cooling fins”, and can take
the extreme heat of the motion control industry.
The ZUK comes equipped with a 3 point Flex Mount adapting to both 2.25"
and 2.75" motor faces. It is also available with an optional “tether arm”
mounting kit for additional motor compatibility.
This revolutionary encoder can also be adapted to various standard and metric
sized motor shafts by using an accessory sleeve kit, or individual sleeves (Sold
separately).
Electrically the ZUK offers NPN open collector outputs, each limited to 100
mA. The outputs are standard quadrature with index and are also available with
quadrature reverse phasing for the typical motor drive controller application.
The quadrature separation is 90° with output A leading output B for clockwise
rotation. Output B leads output A for the reverse phased output, for clockwise
rotation.
SAFETY SUMMARY
All safety related regulations, local codes and instructions that appear in the
literature or on equipment must be observed to ensure personal safety and to
prevent damage to either the instrument or equipment connected to it. If
equipment is used in a manner not specified by the manufacturer, the protection
provided by the equipment may be impaired.
+VDC
FUNCTION
Red
A
CABLE WIRE COLOR
PIN
Common
Black
B
Data A
White
C
Data B
Green
D
CASE
Data Z
Bare
Orange
F
E
∅
2.25 B.C.
(∅57.2)
∅
2.75 B.C.
(∅69.9)
6-32 OR M3
MAX. SCREW
3x @ 120°
BLIND BORE
DEPTH
7/64 HEX
WRENCH
THRU AND BLIND
BORES TO ∅1.125
OR ∅28mm
2.00
(50.7)
1.65
(41.9)
15°
15°
1.48
(37.5)
0.40
(10.1)
∅
2.50
(∅63.5)
1.50
(38.1)
DIMENSIONS In inches (mm)
CAUTION: Risk of Danger.
Read complete instructions prior to
installation and operation of the unit.
CAUTION: Risk of electric shock.


Similar Part No. - RPGMB001

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RPG-1C-P-12 ADAM-TECH-RPG-1C-P-12 Datasheet
93Kb / 1P
POWER RELAY
RPG-1Z-P-5-16L ADAM-TECH-RPG-1Z-P-5-16L Datasheet
90Kb / 1P
POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
POWER RELAY
RPG-2C-P-12-8A ADAM-TECH-RPG-2C-P-12-8A Datasheet
93Kb / 1P
POWER RELAY
logo
Panasonic Semiconductor
RPG7506 PANASONIC-RPG7506 Datasheet
5Mb / 71P
DVD Video Recorder Service Manual
More results

Similar Description - RPGMB001

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ZCG0060C REDLION-ZCG0060C Datasheet
451Kb / 4P
MODEL ZCG - SINGLE CHANNEL OUTPUT ROTARY PULSE GENERATOR
ZCH0100C REDLION-ZCH0100C Datasheet
347Kb / 4P
MODEL ZCH - QUADRATURE OUTPUT ROTARY PULSE GENERATOR
ZFG0010C REDLION-ZFG0010C Datasheet
451Kb / 4P
MODEL ZCG - SINGLE CHANNEL OUTPUT ROTARY PULSE GENERATOR
ZFH0100C REDLION-ZFH0100C Datasheet
347Kb / 4P
MODEL ZCH - QUADRATURE OUTPUT ROTARY PULSE GENERATOR
ZFH0200C REDLION-ZFH0200C Datasheet
347Kb / 4P
MODEL ZCH - QUADRATURE OUTPUT ROTARY PULSE GENERATOR
ZNH0060H REDLION-ZNH0060H Datasheet
102Kb / 2P
MODEL ZDH - 2 FLANGE MOUNT ROTARY PULSE GENERATOR
ZOD0060A REDLION-ZOD0060A Datasheet
65Kb / 1P
MODELS ZOD AND ZOH - THRU-BORE ROTARY PULSE GENERATORS
ZOD0300A REDLION-ZOD0300A Datasheet
65Kb / 1P
MODELS ZOD AND ZOH - THRU-BORE ROTARY PULSE GENERATORS
ZOD1000A REDLION-ZOD1000A Datasheet
65Kb / 1P
MODELS ZOD AND ZOH - THRU-BORE ROTARY PULSE GENERATORS
ZOD2000A REDLION-ZOD2000A Datasheet
65Kb / 1P
MODELS ZOD AND ZOH - THRU-BORE ROTARY PULSE GENERATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com