Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2796TL Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2796TL
Description  Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2796TL Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2796TL Datasheet HTML 1Page - National Semiconductor (TI) LM2796TL Datasheet HTML 2Page - National Semiconductor (TI) LM2796TL Datasheet HTML 3Page - National Semiconductor (TI) LM2796TL Datasheet HTML 4Page - National Semiconductor (TI) LM2796TL Datasheet HTML 5Page - National Semiconductor (TI) LM2796TL Datasheet HTML 6Page - National Semiconductor (TI) LM2796TL Datasheet HTML 7Page - National Semiconductor (TI) LM2796TL Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagram
18-Bump Thin Micro SMD Package, Large Bump
NS Package Number TLA18
20093802
Pin Description
Pin #s
Pin Names
Pin Descriptions
C1
V
IN
Input voltage. Input range: 2.7V to 5.5V.
D2
GND
Ground
A3
P
OUT
Charge pump output. Approximately 1.5xV
IN
A1, B2, A5, E1
C1+, C1-, C2+,
C2-
Flying capacitor connections.
A7
EN
Enable pin. Logic input. High = normal operation, Low = shutdown (charge
pump and all current sources OFF).
D6, E5, D4, E3
D1A, D2A, D3A,
D4A
LED Outputs - Group A
C5, B4, C3
D1B, D2B, D3B
LED Outputs - Group B
B6
EN-A
Enable for Group-A LEDs (current outputs). Logic input.
High = Group-A LEDs ON. Low = Group A LEDs OFF.
Pulsing this pin with a PWM signal (100Hz-1kHz) can be used to dim LEDs.
E7
EN-B
Enable for Group-B LEDs (current outputs). Logic input.
High = Group-B LEDs ON. Low = Group B LEDs OFF.
Pulsing this pin with a PWM signal (100Hz-1kHz) can be used to dim LEDs.
C7
I
SET
Placing a resistor (R
SET) between this pin and GND sets the LED current for
all LEDs. LED Current = 100 x (1.25V ÷ R
SET).
Ordering Information
Order Information
Package
Supplied As
LM2796TL
TLA18 Micro SMD
250 Units, Tape & Reel
LM2796TLX
3000 Units, Tape & Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com