Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD650F Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BD650F
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD650F Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD650F Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD650F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Darlington Power Transistor
BD650F
DESCRIPTION
·
Collector-Emitter Breakdown Voltage-
: V(BR)CEO= -100V(Min)
·
High DC Current Gain
·
Low Saturation Voltage
·
Complement to Type BD649F
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for use as complementary AF push-pull output
stage applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-100
V
VCEO
Collector-Emitter Voltage
-100
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-8
A
ICP
Collector Current-Peak
-12
A
IB
Base Current-Continuous
-0.15
A
PC
Collector Power Dissipation
@ Ta=25℃
20
W
Collector Power Dissipation
@ TC=25℃
32
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.6
℃
/W
Rth j-a
Thermal Resistance,Junction to Ambient
6.3
℃
/W


Similar Part No. - BD650F

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD650 POINN-BD650 Datasheet
150Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BD650 TRSYS-BD650 Datasheet
452Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
Siemens Semiconductor G...
BD650 SIEMENS-BD650 Datasheet
125Kb / 4P
NPN SILICON DARLINGTON TRANSISTORS
BD650 SIEMENS-BD650 Datasheet
127Kb / 4P
PNP SILICON DARLINGTON TRANSISTORS
logo
Bourns Electronic Solut...
BD650 BOURNS-BD650 Datasheet
114Kb / 5P
PNP SILICON POWER DARLINGTONS
More results

Similar Description - BD650F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB727 ISC-2SB727 Datasheet
259Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1383 ISC-2SB1383 Datasheet
244Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com