Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC08HP Datasheet(PDF) 1 Page - Analog Devices

Part # DAC08HP
Description  8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08HP Datasheet(HTML) 1 Page - Analog Devices

  DAC08HP Datasheet HTML 1Page - Analog Devices DAC08HP Datasheet HTML 2Page - Analog Devices DAC08HP Datasheet HTML 3Page - Analog Devices DAC08HP Datasheet HTML 4Page - Analog Devices DAC08HP Datasheet HTML 5Page - Analog Devices DAC08HP Datasheet HTML 6Page - Analog Devices DAC08HP Datasheet HTML 7Page - Analog Devices DAC08HP Datasheet HTML 8Page - Analog Devices DAC08HP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
DAC08
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
8-Bit, High-Speed, Multiplying D/A Converter
(Universal Digital Logic Interface)
FUNCTIONAL BLOCK DIAGRAM
V+
BIAS
NETWORK
CURRENT
SWITCHES
VREF (+)
VREF (–)
14
15
REFERENCE
AMPLIFIER
VLC
MSB
B1
B2
B3
B4
B5
B6
B7
LSB
B8
13
1
5
6
7
8
9
10
11
12
V–
3
COMP
16
4
2
IOUT
IOUT
DAC08
FEATURES
Fast Settling Output Current: 85 ns
Full-Scale Current Prematched to
1 LSB
Direct Interface to TTL, CMOS, ECL, HTL, PMOS
Nonlinearity to 0.1% Maximum over
Temperature Range
High Output Impedance and Compliance:
–10 V to +18 V
Complementary Current Outputs
Wide Range Multiplying Capability: 1 MHz Bandwidth
Low FS Current Drift:
10 ppm/ C
Wide Power Supply Range:
4.5 V to
18 V
Low Power Consumption: 33 mW @
5 V
Low Cost
Available in Die Form
GENERAL DESCRIPTION
The DAC08 series of 8-bit monolithic digital-to-analog convert-
ers provide very high-speed performance coupled with low cost
and outstanding applications flexibility.
Advanced circuit design achieves 85 ns settling times with very
low “glitch” energy and at low power consumption. Monotonic
multiplying performance is attained over a wide 20-to-1 reference
current range. Matching to within 1 LSB between reference and
full-scale currents eliminates the need for full-scale trimming in
most applications. Direct interface to all popular logic families
with full noise immunity is provided by the high swing, adjust-
able threshold logic input.
High voltage compliance complementary current outputs are
provided, increasing versatility and enabling differential opera-
tion to effectively double the peak-to-peak output swing. In
many applications, the outputs can be directly converted to
voltage without the need for an external op amp.
All DAC08 series models guarantee full 8-bit monotonicity,
and nonlinearities as tight as
±0.1% over the entire operating
temperature range are available. Device performance is essen-
tially unchanged over the
±4.5 V to ±18 V power supply range,
with 33 mW power consumption attainable at
±5 V supplies.
The compact size and low power consumption make the DAC08
attractive for portable and military/aerospace applications;
devices processed to MIL-STD-883, Level B are available.
DAC08 applications include 8-bit, 1
µs A/D converters, servo
motor and pen drivers, waveform generators, audio encoders
and attenuators, analog meter drivers, programmable power
supplies, CRT display drivers, high-speed modems and other
applications where low cost, high speed and complete input/
output versatility are required.


Similar Part No. - DAC08HP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC08HP AD-DAC08HP Datasheet
584Kb / 20P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
More results

Similar Description - DAC08HP

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08 Datasheet
260Kb / 12P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV.A
DAC10 AD-DAC10 Datasheet
300Kb / 10P
10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV.D
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
Analog Devices
DAC08CSZ AD-DAC08CSZ Datasheet
224Kb / 12P
8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08Q-883C AD-DAC08Q-883C Datasheet
584Kb / 20P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
DAC10FX AD-DAC10FX Datasheet
460Kb / 10P
10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
REV. D
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com