Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPN-RK-2/10SP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LPN-RK-2/10SP
Description  dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LPN-RK-2/10SP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LPN-RK-2/10SP Datasheet HTML 1Page - List of Unclassifed Manufacturers LPN-RK-2/10SP Datasheet HTML 2Page - List of Unclassifed Manufacturers LPN-RK-2/10SP Datasheet HTML 3Page - List of Unclassifed Manufacturers LPN-RK-2/10SP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 1003
Effective March 2017
Supersedes July 2015
LPN-RK — 250 Vac/125 Vdc, 1⁄10-60 A,
dual element, time-delay fuses
Catalog symbols:
LPN-RK(amp)SP (non-indicating)
LPN-RK(amp)SPI (indicating)
Description:
Ultimate protection Class RK1 dual element,
current-limiting, time-delay fuses available with
optional open fuse indication. Time-delay – 10
seconds (minimum) at 500% of rated current (8
seconds for 0-30A sizes).
Specifications:
Ratings
Volts
250 Vac
125 Vdc
Amps 1/10-60A
IR
300 kA Vac RMS Sym.
100kA Vdc
Agency Information
UL Listed, Guide JDDZ, File E4273
CSA Certified, Class 1422-02, File 53787,
Class RK1 per CSA C22.2, No. 248.12
CE
Catalog no.
LPN-RK-1/10SP
LPN-RK-2SP
LPN-RK-9SP
LPN-RK-15/100SP
LPN-RK-21/4SP
LPN-RK-10SP
LPN-RK-2/10SP
LPN-RK-21/2SP
LPN-RK-12SP
LPN-RK-3/10SP
LPN-RK-28/10SP LPN-RK-15SP
LPN-RK-4/10SP
LPN-RK-3SP
LPN-RK-171/2SP
LPN-RK-1/2SP
LPN-RK-32/10SP LPN-RK-20SP
LPN-RK-6/10SP
LPN-RK-31/2SP
LPN-RK-25SP
LPN-RK-8/10SP
LPN-RK-4SP
LPN-RK-30SP
LPN-RK-1SP
LPN-RK-41/2SP
LPN-RK-35SP*
LPN-RK-11/8SP
LPN-RK-5SP
LPN-RK-40SP*
LPN-RK-11/4SP
LPN-RK-56/10SP LPN-RK-45SP*
LPN-RK-14/10SP
LPN-RK-6SP
LPN-RK-50SP*
LPN-RK-16/10SP
LPN-RK-61/4SP
LPN-RK-60SP*
LPN-RK-18/10SP
LPN-RK-8SP
* Open fuse indication available by inserting the suffix “I,”
e.g. LPN-RK-50SPI. Requires 75Vac minimum voltage.
Carton quantity
10
Features and benefits
Industry’s only UL Listed and CSA Certified fuse
with a 300 kA interrupting rating that allows for
simple, worry-free installation in virtually any
application.
Fast short-circuit protection and dual-element,
time-delay performance provide ultimate
protection.
Reduces existing fuse inventory by up to 33%
when upgrading to Low-Peak fuses.
Consistent 2:1 ampacity ratios for all Low-Peak
fuses make selective coordination easy.
Time-delay permits 130% FLA sizing for back-up
motor protection.
Current-limitation protects downstream
components against damaging thermal and
magnetic effects of short-circuit currents.
Protects against single-phase motor damage.
Proper sizing can provide “no damage” Type 2
coordinated protection for NEMA and IEC motor
controllers.


Similar Part No. - LPN-RK-2/10SP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPN-RK-200SP COOPER-LPN-RK-200SP Datasheet
78Kb / 2P
Dual-Element Time-Delay Fuses Class RK1-250 Volts AC/DC
logo
Eaton All Rights Reserv...
LPN-RK-200SP EATON-LPN-RK-200SP Datasheet
824Kb / 4P
LPN-RK ??250 Vac/dc, 70-600 A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
LPN-RK-200SPI COOPER-LPN-RK-200SPI Datasheet
138Kb / 3P
Dual-Element Time-Delay Fuses
LPN-RK-225SP COOPER-LPN-RK-225SP Datasheet
78Kb / 2P
Dual-Element Time-Delay Fuses Class RK1-250 Volts AC/DC
logo
Eaton All Rights Reserv...
LPN-RK-225SP EATON-LPN-RK-225SP Datasheet
824Kb / 4P
LPN-RK ??250 Vac/dc, 70-600 A, dual element, time-delay fuses
More results

Similar Description - LPN-RK-2/10SP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPS-RK-6SPI COOPER-LPS-RK-6SPI Datasheet
147Kb / 3P
Dual-Element, Time-Delay Fuses w/Permanent Fuse Indication
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
Dual-Element Time-Delay Fuses
LPJ-70SPI COOPER-LPJ-70SPI Datasheet
114Kb / 3P
Dual-Element, Time-Delay Fuses
LPS-RK-70SPI COOPER-LPS-RK-70SPI Datasheet
127Kb / 3P
Dual-Element, Time-Delay Fuses
LPN-RK-70SPI COOPER-LPN-RK-70SPI Datasheet
138Kb / 3P
Dual-Element Time-Delay Fuses
LPS-RK-70SP COOPER-LPS-RK-70SP Datasheet
139Kb / 3P
Dual-Element, Time-Delay Fuses
DLN-R-1 COOPER-DLN-R-1 Datasheet
272Kb / 3P
Dual-Element, Time-Delay Construction Grade Fuses
DLS-R-1 COOPER-DLS-R-1 Datasheet
174Kb / 3P
Dual-Element, Time-Delay Construction Grade Fuses
logo
List of Unclassifed Man...
LPS-RK-600 ETC1-LPS-RK-600 Datasheet
1,014Kb / 4P
dual element, time-delay fuses
logo
Eaton All Rights Reserv...
MDQ EATON-MDQ Datasheet
391Kb / 2P
Dual-element time-delay glass fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com