Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60APU06 Datasheet(PDF) 2 Page - International Rectifier

Part # 60APU06
Description  ULTRAFAST SOFT RECOVERY DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60APU06 Datasheet(HTML) 2 Page - International Rectifier

  60APU06 Datasheet HTML 1Page - International Rectifier 60APU06 Datasheet HTML 2Page - International Rectifier 60APU06 Datasheet HTML 3Page - International Rectifier 60APU06 Datasheet HTML 4Page - International Rectifier 60APU06 Datasheet HTML 5Page - International Rectifier 60APU06 Datasheet HTML 6Page - International Rectifier 60APU06 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
60EPU06/ 60APU06
2
Bulletin PD-20771 Rev.B 01/04
trr
ReverseRecoveryTime
-
34
45
ns
IF = 1A, diF/dt = 200A/µs, VR = 30V
-81
-
TJ = 25°C
-
164
-
TJ = 125°C
IRRM
PeakRecoveryCurrent
-
7.4
-
A
TJ = 25°C
-
17.0
-
TJ = 125°C
Qrr
ReverseRecoveryCharge
-
300
-
nC
TJ = 25°C
-
1394
-
TJ = 125°C
Dynamic Recovery Characteristics @ TJ = 25°C (unless otherwise specified)
I
F = 60A
VR = 200V
diF /dt = 200A/µs
Parameters
Min Typ Max Units Test Conditions
Parameters
Min
Typ
Max
Units
RthJC
Thermal Resistance, Junction to Case
0.63
K/W
RthCS ‚
Thermal Resistance, Case to Heatsink
0.2
Wt
Weight
5.5
g
0.2
(oz)
T
Mounting Torque
1.2
2.4
N * m
10
20
lbf.in
Thermal - Mechanical Characteristics
‚ Mounting Surface, Flat, Smooth and Greased
VBR, Vr
Breakdown Voltage,
600
-
-
V
IR = 100µA
Blocking Voltage
VF
ForwardVoltage
-
1.35 1.68
V
IF = 60A
-
1.20 1.42
V
IF = 60A, TJ = 125°C
-
1.11 1.30
V
IF = 60A, TJ = 175°C
IR
ReverseLeakageCurrent
-
-
50
µA
VR = VR Rated
-
-
500
µA
TJ = 150°C, VR = VR Rated
CT
JunctionCapacitance
-
39
-
pF
VR = 600V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameters
Min Typ Max Units Test Conditions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com