Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER38LE Datasheet(PDF) 24 Page - STMicroelectronics

Part # VIPER38LE
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38LE Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VIPER38LE Datasheet HTML 20Page - STMicroelectronics VIPER38LE Datasheet HTML 21Page - STMicroelectronics VIPER38LE Datasheet HTML 22Page - STMicroelectronics VIPER38LE Datasheet HTML 23Page - STMicroelectronics VIPER38LE Datasheet HTML 24Page - STMicroelectronics VIPER38LE Datasheet HTML 25Page - STMicroelectronics VIPER38LE Datasheet HTML 26Page - STMicroelectronics VIPER38LE Datasheet HTML 27Page - STMicroelectronics VIPER38LE Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Operation
VIPER38
24/31
DocID025703 Rev 2
to be connected to GND if the function is not used.
Figure 26. EPT timing diagram
7.13
2nd level overcurrent protection and hiccup mode
The device is protected against short-circuit of the secondary rectifier, short-circuit on the
secondary winding or a hard-saturation of the flyback transformer. This type of anomalous
condition is invoked when the drain current exceeds the threshold IDMAX, see Table 8:
Controller section.
To distinguish a real malfunction from a disturbance (e.g. induced during ESD tests) a
“warning state” is entered after the first signal is tripped. If, in the subsequent switching
cycles, the signal is not tripped, a temporary disturbance is assumed and the protection
logic will be reset in its idle state; otherwise if the IDMAX threshold is exceeded for two
consecutive switching cycles, a real malfunction is assumed and the power MOSFET is
turned OFF.
The shutdown condition is latched as long as the device is supplied. While it is disabled, no
energy is transferred from the auxiliary winding, hence the voltage on the CVDD capacitor
decays until the VDD undervoltage threshold (VDDoff), which clears the latch.
The startup HV current generator is still off, until the VDD voltage falls below its restart
voltage, VDD(RESTART). After this condition the CVDD capacitor is charged again by the
IDDch2 current, and the converter switching restarts if VDDon occurs. If the fault condition is
not removed, the device enters auto-restart mode. This behavior results in a low-frequency
intermittent operation (hiccup-mode operation), with very low stress on the power circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com