| Electronic Components Datasheet Search |
|
VIPER16HN Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER16HN Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 30 page ![]() Automatic auto restart after overload or short-circuit VIPER16 20/30 DocID15232 Rev 7 14 Automatic auto restart after overload or short-circuit The overload protection is implemented in automatic way using the integrated up-down counter. Every cycle, it is incremented or decremented depending if the current logic detects the limit condition or not. The limit condition is the peak drain current, IDlim , reported on Table 8 on page 9 or the one set by the user through the RLIM resistor, as reported in Figure 13 on page 12. After the reset of the counter, if the peak drain current is continuously equal to the level IDlim, the counter will be incremented till the fixed time, tOVL, after that will be disabled the power MOSFET switch ON. It will be activated again, through the soft start, after the tRESTART time, see the Figure 25 and Figure 26 on page 20 and the mentioned time values on Table 8 on page 9. In case of overload or short-circuit event, the power MOSFET switching will be stopped after a time that depends from the counter and that can be as maximum equal to tOVL. The protection will occur in the same way until the overload condition is removed, see Figure 25 and Figure 26 on page 20. This protection ensures restart attempts of the converter with low repetition rate, so that it works safely with extremely low power throughput and avoiding the IC overheating in case of repeated overload events. If the overload is removed before the protection tripping, the counter will be decremented cycle by cycle down to zero and the IC will not be stopped. Figure 25. Timing diagram: OLP sequence (IC externally biased) Figure 26. Timing diagram: OLP sequence (IC internally biased) AM13270v1 time time VDD VDDon VDDCSon IDRAIN IDlim_bm t1* * The time t1 can be lower or equal to the time tOVL tRESTART tSS tOVL tRESTART tSS tOVL tRESTART tSS SHORT CIRCUIT OCCURS HERE SHORT CIRCUIT REMOVED HERE AM13271v1 time time VDD VDDon VDDCSon IDRAIN IDlim_bm t1* * The time t1 can be lower than or equal to the time tOVL tRESTART tSS tOVL tRESTART tSS tOVL tRESTART tSS SHORT CIRCUIT OCCURS HERE SHORT CIRCUIT REMOVED HERE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |