Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH2002CFP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH2002CFP
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2002CFP Datasheet(HTML) 4 Page - STMicroelectronics

  STTH2002CFP Datasheet HTML 1Page - STMicroelectronics STTH2002CFP Datasheet HTML 2Page - STMicroelectronics STTH2002CFP Datasheet HTML 3Page - STMicroelectronics STTH2002CFP Datasheet HTML 4Page - STMicroelectronics STTH2002CFP Datasheet HTML 5Page - STMicroelectronics STTH2002CFP Datasheet HTML 6Page - STMicroelectronics STTH2002CFP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STTH2002C
4/7
0
10
20
30
40
50
60
70
80
10
100
1000
t(ns)
rr
T =25°C
j
T =125°C
j
dI /dt(A/µs)
F
I =10A
F
V =160V
R
Fig. 6: Reverse recovery time versus dIF/dt
(typical values, per diode).
0
2
4
6
8
10
12
14
16
10
100
1000
I(A)
RM
T =25°C
j
T =125°C
j
dI /dt(A/µs)
F
I =10A
F
V =160V
R
Fig. 7: Peak reverse recovery current versus dIF/dt
(typical values, per diode).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
IRM
Qrr
T (°C)
j
Q;
rr I
[T ]/Q ;I
[T =125°C]
RM
j
rr RM
j
I =10A
F
V =160V
R
Fig. 8:
Dynamic parameters versus junction
temperature.
0
10
20
30
40
50
60
70
80
02468
10
12
14
16
18
20
S(Cu)(cm²)
R
(°C/W)
th(j-a)
Fig. 9: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, eCU: 35µm) for D
2PAK.
0
50
100
150
200
250
300
10
100
1000
Q (nC)
rr
dI /dt(A/µs)
F
I =10A
F
V =160V
R
T =125°C
j
T =25°C
j
Fig. 5: Reverse recovery charges versus dIF/dt
(typical values, per diode).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List