Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ40Z50-R2 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50-R2 Datasheet(HTML) 34 Page - Texas Instruments

Back Button BQ40Z50-R2 Datasheet HTML 30Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 31Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 32Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 33Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 34Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 35Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 36Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 37Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
4P
to 2
nd Level Protector
to FUSE Pin
34
bq40z50-R2
SLUSCS4 – JUNE 2017
www.ti.com
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
The SMBus clock and data lines have internal pulldown. When the gas gauge senses that both lines are low
(such as during removal of the pack), the device performs auto-offset calibration and then goes into SLEEP
mode to conserve power.
Figure 30. ESD Protection for SMBus Communication
9.2.2.2.5
FUSE Circuitry
The FUSE pin of the bq40z50-R2 device is designed to ignite the chemical fuse if one of the various safety
criteria is violated. The FUSE pin also monitors the state of the secondary-voltage protection IC. Q5 ignites the
chemical fuse when its gate is high. The 7-V output of the bq294700 is divided by R18 and R19, which provides
adequate gate drive for Q5 while guarding against excessive back current into the bq294700 if the FUSE signal
is high.
Using C7 is generally a good practice, especially for RFI immunity. C7 may be removed, if desired, because the
chemical fuse is a comparatively slow device and is not affected by any sub-microsecond glitches that come from
the FUSE output during the cell connection process.
If the AFEFUSE output is not used, it should be connected to VSS.
Figure 31. FUSE Circuit
When the bq40z50-R2 device is commanded to ignite the chemical fuse, the FUSE pin activates to give a typical
8-V output. The new design makes it possible to use a higher Vgs FET for Q5. This improves the robustness of
the system, as well as widens the choices for Q5.
9.2.2.3 Secondary-Current Protection
The bq40z50-R2 device provides secondary overcurrent and short-circuit protection, cell balancing, cell voltage
multiplexing, and voltage translation. The following section examines cell and battery inputs, pack and FET
control, temperature output, and cell balancing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com