Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1739EEP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1739EEP
Description  Wide Brightness Range CCFL Backlight Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1739EEP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1739EEP Datasheet HTML 1Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 2Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 3Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 4Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 5Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 6Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 7Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 8Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Wide Brightness Range
CCFL Backlight Controllers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS
(V+ = 8.2V, VSH/SUS = VSH = 5.5V, MINDAC = GND, TA = -40°C to +85°C, unless otherwise noted.) (Note 6)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY AND REFERENCE
VL = VBATT
4.6
5.5
VBATT Input Voltage Range
VL = open
6
28
V
VBATT Quiescent Current, Shutdown
SH/SUS = SH = GND
20
µA
VL Output Voltage, Normal Operation
6V < VBATT < 28V,
0 < ILOAD < 15mA
5.0
5.6
V
VL rising (leaving lockout)
4.6
VL Undervoltage Lockout Threshold
VL falling (entering lockout)
4.0
V
REF Output Voltage, Normal
Operation
4.5V < VL < 5.5V, IREF = 40µA
1.95
2.05
V
VL POR Threshold
0.9
2.7
V
SWITCHING REGULATOR
DH Driver On-Resistance
18
Ω
DL1, DL2 Driver On-Resistance
18
Ω
SYNC Synchronization Range
Detect falling edges on SYNC
64
200
kHz
CS Overcurrent Threshold
408
492
mV
DAC AND ERROR AMPLIFIER
CSAV Regulation Point
VMINDAC = 0, DAC code = 11111 binary
186
202
mV
CTFB Regulation Point
560
640
mV
CTFB to CCV Transconductance
1V < VCCV < 2.7V
30
50
µmho
ANALOG INTERFACE BRIGHTNESS CONTROL (MODE connected to REF or MODE connected to GND)
SH Input Low Voltage
0.8
V
SH Input High Voltage
2.1
V
SYSTEM MANAGEMENT BUS BRIGHTNESS CONTROL (MODE connected to VL)
CRF/SDA, CTL/SCL, SH/SUS Input
Low Voltage
0.8
V
CRF/SDA, CTL/SCL, SH/SUS Input
High Voltage
2.1
V
CRF/SDA Output Low Sink Current
VCRF/SDA = 0.4V
4
mA
Note 1: Corresponds to 512 DPWM cycles or 65536 MODE
cycles.
Note 2: When the buck switch is shorted, VCTFB goes high
causing VCCV to go below the fault detection threshold.
Note 3: Corresponds to 64 DPWM cycles or 8192 MODE cycles.
Note 4: The MODE pin thresholds are only valid while the part is
operating. In shutdown, VREF = 0 and the part only
differentiates between SMB mode and ADC mode. In
shutdown with ADC mode selected, the CRF/SDA and
CTL/SCL pins are at high impedance and will not cause
extra supply current when their voltages are not at
GND or VL.
VAMPLITUDE > 2V
MODE
500pF
10k
Note 5: The amplitude is measured with the following circuit:
Note 6: Specifications from -40°C to +85°C are guaranteed by
design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com