Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST485EXDR Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST485EXDR
Description  ±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485EXDR Datasheet(HTML) 4 Page - STMicroelectronics

  ST485EXDR Datasheet HTML 1Page - STMicroelectronics ST485EXDR Datasheet HTML 2Page - STMicroelectronics ST485EXDR Datasheet HTML 3Page - STMicroelectronics ST485EXDR Datasheet HTML 4Page - STMicroelectronics ST485EXDR Datasheet HTML 5Page - STMicroelectronics ST485EXDR Datasheet HTML 6Page - STMicroelectronics ST485EXDR Datasheet HTML 7Page - STMicroelectronics ST485EXDR Datasheet HTML 8Page - STMicroelectronics ST485EXDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ST485E
4/13
DRIVER SWITCHING CHARACTERISTICS
(VCC =5V ± 5%, TA =TMIN to TMAX , unless otherwise specified. Typical values are referred to TA =25°C)
(See Note 1)
Note 1: All currents into device pins are positive; all cuttents out of device pins are negative; all voltages are referenced to device ground
unless specified.
RECEIVER SWITCHING CHARACTERISTICS
(VCC =5V ± 5%, TA =TMIN to TMAX , unless otherwise specified. Typical values are referred to TA = 25°C)
(See Note 1)
Note 1: All currents into device pins are positive; all cuttents out of device pins are negative; all voltages are referenced to device ground
unless specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH
tPHL
Propagation Delay Input to
Output
RDIFF =54Ω
CL1 =CL2 = 100pF
(See Fig. 3 and 5)
25
45
ns
tSK
Output Skew to Output
RDIFF =54Ω
CL1 =CL2 = 100pF
(See Fig. 3 and 5)
25
ns
tTLH
tTHL
Rise or Fall Time
RDIFF =54Ω
CL1 =CL2 = 100pF
(See Fig. 3 and 5)
15
40
ns
tPZH
Output Enable Time
CL = 100pF
S2 = Closed
(See Fig. 4 and 6)
35
50
ns
tPZL
Output Enable Time
CL = 100pF
S1 = Closed
(See Fig. 4 and 6)
25
40
ns
tPLZ
Output Disable Time
CL = 15pF
S1 = Closed
(See Fig. 4 and 6)
25
40
ns
tPHZ
Output Disable Time
CL = 15pF
S2 = Closed
(See Fig. 4 and 6)
35
50
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH
tPHL
Propagation Delay Input to
Output
RDIFF =54Ω
CL1 =CL2 = 100pF
(See Fig. 3 and 7)
110
130
ns
tSKD
Differential Receiver Skew
RDIFF =54Ω
CL1 =CL2 = 100pF
(See Fig. 3 and 7)
510
ns
tPZH
Output Enable Time
CRL = 15pF
S2 = Closed
(See Fig. 2 and 8)
11
35
ns
tPZL
Output Enable Time
CRL = 15pF
S1 = Closed
(See Fig. 2 and 8)
13
35
ns
tPLZ
Output Disable Time
CRL = 15pF
S1 = Closed
(See Fig. 2 and 8)
13
35
ns
tPHZ
Output Disable Time
CRL = 15pF
S2 = Closed
(See Fig. 2 and 8)
11
35
ns
fMAX
Maximum Data Rate
5
Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com