Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-15B Datasheet(PDF) 3 Page - CUI INC

Part # VOF-15B
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-15B Datasheet(HTML) 3 Page - CUI INC

  VOF-15B Datasheet HTML 1Page - CUI INC VOF-15B Datasheet HTML 2Page - CUI INC VOF-15B Datasheet HTML 3Page - CUI INC VOF-15B Datasheet HTML 4Page - CUI INC VOF-15B Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date 02/23/2017
│ page 3 of 5
CUI Inc
│ SERIES: VOF-15B │ DESCRIPTION: AC-DC POWER SUPPLY
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wavesoldering
seewavesolderingprofile
260
°C
Time (Seconds)
Notes:
1.Solderingmaterials:Sn/Cu/Ni
2.Rampuprateduringpreheat:1.4°C/s(from50°Cto100°C)
3.Soakingtemperature:0.5°C/s(from100°Cto130°C),60±20seconds
4.Peaktemperature:260°C,above250°Cfor3~6seconds
5.Rampdownrateduringcooling:-10°C/s(from260°Cto150°C)
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
2.331 x 1.665 x 0.902 (59.20 x 42.30 x 22.90 mm)
inch
weight
38
g
cooling
naturalconvection
MECHANICAL DRAWING
PINCONNECTIONS
PIN
Function
1
ACN
2
ACL
3
-Vout
4
+Vout
2.331 59.20
4
2
1
3
54.00
2.126
1.00
0.039
units: inch [mm]
tolerance:X.XXX=±0.020[±0.50]
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com