Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA321MPL1 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 15Page - STMicroelectronics STA321MPL1 Datasheet HTML 16Page - STMicroelectronics STA321MPL1 Datasheet HTML 17Page - STMicroelectronics STA321MPL1 Datasheet HTML 18Page - STMicroelectronics STA321MPL1 Datasheet HTML 19Page - STMicroelectronics STA321MPL1 Datasheet HTML 20Page - STMicroelectronics STA321MPL1 Datasheet HTML 21Page - STMicroelectronics STA321MPL1 Datasheet HTML 22Page - STMicroelectronics STA321MPL1 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
DocID029389 Rev 1
19/80
STA321MPL1
I2C bus operation
80
4.4
Read operation
4.4.1
Current address byte read
Following the START condition, the master sends a device select code with the RW bit set
to 1. The STA321MPL1 acknowledges this and then responds by sending one byte of data.
The master then terminates the transfer by generating a STOP condition.
4.4.2
Current address multi-byte read
The multi-byte read modes can start from any internal address. Sequential data bytes are
read from sequential addresses within the STA321MPL1. The master acknowledges each
data byte read and then generates a STOP condition, terminating the transfer.
4.4.3
Random address byte read
Following the START condition, the master sends a device select code with the RW bit set
to 0. The STA321MPL1 acknowledges this and then the master writes the internal address
byte. After receiving the internal byte address, the STA321MPL1 again responds with an
acknowledgement. The master then initiates another START condition and sends the device
select code with the RW bit set to 1. The STA321MPL1 acknowledges this and then
responds by sending one byte of data. The master then terminates the transfer by
generating a STOP condition.
4.4.4
Random address multi-byte read
The multi-byte read mode can start from any internal address. Sequential data bytes are
read from sequential addresses within the STA321MPL1. The master acknowledges each
data byte read and then generates a STOP condition, terminating the transfer.
Figure 7. Read mode sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com