Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPCX331M02R Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SPCX331M02R
Description  Offered on tape and reel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SPCX331M02R Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SPCX331M02R Datasheet HTML 1Page - Cornell Dubilier Electronics SPCX331M02R Datasheet HTML 2Page - Cornell Dubilier Electronics SPCX331M02R Datasheet HTML 3Page - Cornell Dubilier Electronics SPCX331M02R Datasheet HTML 4Page - Cornell Dubilier Electronics SPCX331M02R Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SPCX Solid Polymer Aluminum SMT Capacitors
SPCX
221
M
0E
R
CDE
Type Capacitance
Code
101 = 100 µF
151 = 150 µF
Capacitance
Tolerance
M = ± 20%
WVDC Code
02 = 2.0 Vdc
0E = 2.5 Vdc
04 = 4.0 Vdc
06 = 6.3 Vdc
Packaging
Code
R = Tape & Reel:
3500 pcs/reel
B = Bulk
Part Numbering System
Tape: 12 mm wide; negative terminal towards the sprocket holes
Reel: 330 mm Dia.
MSL 2 – when in the bag
MSL 3 – when outside the bag
Maximum of 2 reflow solderings; 2nd reflow should be within 5 days of the first reflow soldering.
Cap
(µF)
Catalog
Part Number
Max. D.F.
@ 120Hz
Max. Leakage
Current
(µA)
Max. ESR
@ 100kHz/20°C
(mΩ)
Max. Ripple Current
@ 100kHz/20° to 105°C
(Arms)
2.0 Vdc (Surge 2.5Vdc)
220
SPCX221M02R
0.06
44
15
2.7
270
SPCX271M02R-12
0.06
54
12
3.0
330
SPCX331M02R
0.06
66
15
2.7
330
SPCX331M02R-12
0.06
66
12
3.0
390
SPCX391M02R
0.06
78
15
2.7
470
SPCX471M02R
0.06
94
15
2.7
2.5 Vdc (Surge 3.1Vdc)
220
SPCX221M0ER
0.06
55
15
2.7
330
SPCX331M0ER
0.06
82.5
15
2.7
390
SPCX391M0ER
0.06
97.5
15
2.7
470
SPCX471M0ER
0.06
117.5
15
2.7
4.0 Vdc (Surge 5.0Vdc)
150
SPCX151M04R
0.06
60
15
2.7
180
SPCX181M04R
0.06
72
15
2.7
180
SPCX181M04R-12
0.06
72
12
3.0
220
SPCX221M04R
0.06
88
15
2.7
220
SPCX221M04R-12
0.06
88
12
3.0
6.3 Vdc (Surge 8.0Vdc)
100
SPCX101M06R
0.06
63
15
2.7
120
SPCX121M06R
0.06
75.6
15
2.7
150
SPCX151M06R
0.06
94.5
15
2.7
150
SPCX151M06R-12
0.06
94.5
12
3.0
-12
Optional
Lower ESR
Value at
100 kHz (see
tables for
available
options)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com