Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPA331M02R Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SPA331M02R
Description  Long Life ??No dry out failure related mechanism
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SPA331M02R Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SPA331M02R Datasheet HTML 1Page - Cornell Dubilier Electronics SPA331M02R Datasheet HTML 2Page - Cornell Dubilier Electronics SPA331M02R Datasheet HTML 3Page - Cornell Dubilier Electronics SPA331M02R Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SPA Solid Polymer Aluminum SMT Capacitors
Specifications
• Ultra-Low ESR – 5 mΩ to 9 mΩ @ 100 kHz
• High Ripple current – up to 4.0 Arms at 100 kHz
• Long Life – No dry out failure related mechanism
• Stable Impedance and ESR vs. Temperature
• Great for bulk storage and ripple filtering
• Ignition free
Applications
Motherboard By-Pass
Switching Supply Input/Output Filters
Power Supply Decoupling
High Frequency Noise Reduction
Laptop LCD Displays
Automotive Digital Equipment
Portable Electronic Equipmen
t
Operating Temperature:
Rated Voltage:
Surge Voltage:
Capacitance Range:
Capacitance Tolerance:
Dissipation Factor:
DC Leakage Current:
Load Life:
-40 ºC to +105 ºC
2 Vdc to 6.3 Vdc
1.25 x Rated Voltage
56 µF to 470 µF
±20% @120 Hz, +20 ºC
0.06 max (1.8/1.9); 0.10 max (2.8/4.2)
(Case “H” mm; 120 Hz +20 ºC
I ≤ 0.06 CV after 2 minutes
1000 h @ 105 ºC
Δ Capacitance: ±10% of the initial
measured value
D.F. ≤ Initial specified value
DCL ≤ Initial specified value


Similar Part No. - SPA331M02R

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SPA331M02R CDE-SPA331M02R Datasheet
229Kb / 3P
Solid Polymer Aluminum SMT Capacitors
More results

Similar Description - SPA331M02R

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
Long operating life.
logo
Cherry Semiconductor Co...
E5300T CHERRY-E5300T Datasheet
2Mb / 2P
Long life coil spring mechanism
logo
Illinois Capacitor, Inc...
105SVH050MCR ILLINOISCAPACITOR-105SVH050MCR_16 Datasheet
227Kb / 4P
Long Life, 2000hours
logo
Cornell Dubilier Electr...
MLSH CDE-MLSH Datasheet
233Kb / 6P
Hermetically sealed with no dry out
logo
Everlight Electronics C...
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
Long life feature.
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
Long life feature.
logo
ZF Friedrichshafen AG
E51 ZFSWITCHES-E51 Datasheet
2Mb / 2P
Long life coil spring mechanism
E61 ZFSWITCHES-E61 Datasheet
771Kb / 3P
Long life coil spring mechanism
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com