Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OA1NP Datasheet(PDF) 21 Page - STMicroelectronics

Part # OA1NP
Description  Rail-to-rail input and output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1NP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button OA1NP Datasheet HTML 17Page - STMicroelectronics OA1NP Datasheet HTML 18Page - STMicroelectronics OA1NP Datasheet HTML 19Page - STMicroelectronics OA1NP Datasheet HTML 20Page - STMicroelectronics OA1NP Datasheet HTML 21Page - STMicroelectronics OA1NP Datasheet HTML 22Page - STMicroelectronics OA1NP Datasheet HTML 23Page - STMicroelectronics OA1NP Datasheet HTML 24Page - STMicroelectronics OA1NP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
DocID025993 Rev 2
21/31
OA1NP, OA2NP, OA4NP
Application information
31
4.7
Using the OA1NP, OA2NP, OA4NP series with sensors
The OA1NP, OA2NP, OA4NP series has MOS inputs, thus input bias currents can be
guaranteed down to 5 pA maximum at ambient temperature. This is an important parameter
when the operational amplifier is used in combination with high impedance sensors.
The OA1NP, OA2NP, and OA4NP series is perfectly suited for trans-impedance
configuration as shown in Figure 39. This configuration allows a current to be converted into
a voltage value with a gain set by the user. It is an ideal choice for portable electrochemical
gas sensing or photo/UV sensing applications. The OA1NP, OA2NP, OA4NP series, using
trans-impedance configuration, is able to provide a voltage value based on the physical
parameter sensed by the sensor.
Electrochemical gas sensors
The output current of electrochemical gas sensors is generally in the range of tens of nA to
hundreds of
A. As the input bias current of the OA1NP, OA2NP, and OA4NP is very low
(see Figure 9, Figure 10, and Figure 11) compared to these current values, the OA1NP,
OA2NP, OA4NP series is well adapted for use with the electrochemical sensors of two or
three electrodes. Figure 40 shows a potentiostat (electronic hardware required to control a
three electrode cell) schematic using the OA1NP, OA2NP, and OA4NP. In such a
configuration, the devices minimize leakage in the reference electrode compared to the
current being measured on the working electrode.
Figure 39. Trans-impedance amplifier schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com