Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL651USB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GL651USB
Description  2-PORT USB KEYBOARD HUB CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL651USB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GL651USB Datasheet HTML 1Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 2Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL651USB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
03/06/00
GL651USB USB KEYBOARD HUB CONTROLLER
Version 1.0
2
FUNCTION OVERVIEW
The GL651USB is an USB keyboard hub with 1 upstream port and 2 downstream ports.
It integrates USB keyboard and hub in a single chip to add extra value to traditional
keyboard and lower its total cost. The GL651USB uses an 8-bit RISC-like uC to
encode/decode the host commands and to decode the keyboard matrix data. Its 8 general-
purpose I/O(GPIO) pins and the uC-based structure make the implementation of
customization very easy. The GL651USB supports 20 drive pins to meet the diversity of
keyboard matrix. Besides, 5 GPIO pins support the LED driving, 3 for keyboard and 2
for hub. Hence vendors can decide whether or not to enable the hub LED function easily.
For giving more design flexibility, the power supply of GL651USB can be switched
automatically: self-power or bus-power. In the same way, vendors can pullup/pulldown
the SELF pin to support only self/bus power if they have cost issue. The GL651USB can
be configured as ganged/individual mode for hub functions by strapping through
pullup/pulldown the SUSPND pin. To prevent from abnormal current consumption of
downstream port devices, the GL651USB supplies power enable flags by reading the
over-current flags. By hub LED, The GL651USB also supports smart traffic indication,
i.e., the higher data traffic flows through one port, the higher frequency of that port’s
LED blinks. In order to minimize the power consumption, the GL651USB will turn LED
off and stop the clock automatically when it is suspended.
The GL651USB is the most featured and flexible product for those venders who are
looking for “USB Keyboard with Hub” solution. Besides, vendors can easily modify their
board circuits to meet their own requirement if they have product differentiation or cost
issues. Further more, if vendor has the requirement of saving their package cost, COB
component also can be supplied by request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com