| Electronic Components Datasheet Search |
|
CS5534-AS Datasheet(PDF) 16 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5534-AS Datasheet(HTML) 16 Page - Cirrus Logic |
|
16 / 52 page ![]() CS5531/32/33/34 16 DS289PP5 ter can be manipulated by the user to mimic the function of a DAC if desired. 2.2. Overview of ADC Register Structure and Operating Modes The CS5531/32/33/34 ADCs have an on-chip con- troller, which includes a number of user-accessible registers. The registers are used to hold offset and gain calibration results, configure the chip's operat- ing modes, hold conversion instructions, and to store conversion data words. Figure 6 depicts a block diagram of the on-chip controller’s internal registers. Each of the converters has 32-bit registers to func- tion as offset and gain calibration registers for each channel. The converters with two channels have two offset and two gain calibration registers, the converters with four channels have four offset and four gain calibration registers. These registers hold calibration results. The contents of these registers can be read or written by the user. This allows cal- ibration data to be off-loaded into an external EE- PROM. The user can also manipulate the contents of these registers to modify the offset or the gain slope of the converter. The converters include a 32-bit configuration reg- ister which is used for setting options such as the power down modes, resetting the converter, short- ing the analog inputs, and enabling diagnostic test bits like the guard signal. A group of registers, called Channel Setup Regis- ters, are used to hold pre-loaded conversion in- structions. Each channel setup register is 32 bits long, and holds two 16-bit conversion instructions referred to as Setups. Upon power up, these regis- ters can be initialized by the system microcontrol- ler with conversion instructions. The user can then instruct the converter to perform single or multiple conversions or calibrations with the converter in the mode defined by one of these Setups. Offset 1 (1 x 32) Offset 2 (1 x 32) Offset 3 (1 x 32) Offset 4 (1 x 32) Gain1(1 x 32) Gain2(1 x 32) Gain3(1 x 32) Gain4(1 x 32) Setup 1 (1 x 16) Setup 2 (1 x 16) Setup 4 (1 x 16) Setup 6 (1 x 16) Setup 8 (1 x 16) Setup 3 (1 x 16) Setup 5 (1 x 16) Setup 7 (1 x 16) Offset Registers (4 x 32) Gain R egisters (4 x 32) Channel Setup Registers (4 x 32) Conversion Data Register (1 x 32) Con figuration Register (1 x 32) Power S ave Select Reset System Input Short Guard Signal Voltage Reference Select Output Latch Output Latch Select Channel Select Gain Word Rate Unipolar/Bipolar Output Latch Delay Time Open Circuit Detect CS SDI SDO SCLK Com mand Register (1 × 8) Serial Interface Data (1 x 32) Offset/Gain Select Filter Rate Select Offset/Gain Pointer Figure 6. CS5531/32/33/34 Register Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |