Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8FS021 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z8FS021
Description  Select from an assortment of lenses and pyroelectric sensors to best fit your application
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS021 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z8FS021 Datasheet HTML 9Page - Zilog, Inc. Z8FS021 Datasheet HTML 10Page - Zilog, Inc. Z8FS021 Datasheet HTML 11Page - Zilog, Inc. Z8FS021 Datasheet HTML 12Page - Zilog, Inc. Z8FS021 Datasheet HTML 13Page - Zilog, Inc. Z8FS021 Datasheet HTML 14Page - Zilog, Inc. Z8FS021 Datasheet HTML 15Page - Zilog, Inc. Z8FS021 Datasheet HTML 16Page - Zilog, Inc. Z8FS021 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
PS028806-0315
Pin Configuration
ZMOTION® Intrusion Detection
Product Specification
5
Pin Configuration
The Z8FS021 MCU is available in a variety of package styles and pin configurations. This
chapter describes the signals and available pin configurations for each of the package
styles. For information about the physical package specifications, see the Packaging sec-
tion on page 46.
Figures 2 through 4 display the pin configurations of all the packages available for the
ZMOTION MCU Series. For a description of the signals, see Tables 6 through 8 on pages
24 through 26.
At reset, all port pins are set to GPIO input state except /RESET/DE0/T1OUT (8-pin)
which is configured to /RESET, PA0/T0IN/T0OUT/XIN/DBG (8-pin), which is config-
ured to DBG and RESET/PD0 (20- and 28-pin) which are configured to /RESET.
Figure 2. 8-Pin SOIC Package Diagram – Z8FS021xSB20EG
5
1
2
3
4
6
7
8
VDD
VSS
PA1/T0OUT/XOUT/ANA3/VREF/CLKIN
ANA2
PA4/RXD0/ANA1/CINN
PA2/RESET/DE0/T1OUT
PA5/TXD0/T1OUT/ANA0/CINP
PA0/T0IN/T0OUT/XIN/DBG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com