| Electronic Components Datasheet Search |
|
STM32F768Ax Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F768Ax Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 255 page ![]() Chrom-ART Accelerator™ (DMA2D) Yes JPEG codec No Yes No Yes No Yes No Yes No Yes GPIOs 82 114 129 140 132 168 159 168 159 DFSDM1 Yes (4 filters) 12-bit ADC Number of channels 3 16 24 12-bit DAC Number of channels Yes 2 Maximum CPU frequency 216 MHz(5) Operating voltage 1.7 to 3.6 V(6) Operating temperatures Ambient temperatures: –40 to +85 °C /–40 to +105 °C Junction temperature: –40 to + 125 °C Package LQFP100 LQFP144 WLCSP180 UFBGA176(7) LQFP176 LQFP208 TFBGA216 1. For the LQFP100 package, only FMC Bank1 is available. Bank1 can only support a multiplexed NOR/PSRAM memory using the NE1 Chip Select. 2. The SPI1, SPI2 and SPI3 interfaces give the flexibility to work in an exclusive way in either the SPI mode or the I2S audio mode. 3. SDMMC2 supports a dedicated power rail for clock, command and data 0..4 lines, feature available starting from 144 pin package. 4. DSI host interface is only available on STM32F769x sales types. 5. 216 MHz maximum frequency for - 40°C to + 85°C ambient temperature range (200 MHz maximum frequency for - 40°C to + 105°C ambient temperature range). 6. VDD/VDDA minimum value of 1.7 V is obtained when the internal reset is OFF (refer to Section 2.18.2: Internal reset OFF). 7. UFBGA176 is not available for STM32F769x sales types. Table 2. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx features and peripheral counts (continued) Peripherals STM32F 765Vx STM32F767 /769Vx STM32F 765Zx STM32F767 /769Zx STM32F 769Ax STM32F 768Ax STM32F 765Ix STM32F767 /769Ix STM32F 765Bx STM32F767 /769Bx STM32F 765Nx STM32F767 /769Nx |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |