| Electronic Components Datasheet Search |
|
STM8TL53x4 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8TL53x4 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 84 page ![]() DocID022344 Rev 7 25/84 STM8TL52x4 STM8TL53x4 Pin description 25 40 23 19 PD5/PXS_TX5(4) / TIM2_CH2 I/O TC X X X HS X X Port D5 ProxSense transmitter 5(4) - Timer 2 - channel 2 - 41 24 20 PD6/PXS_TX6(4) / TIM3_CH1 I/O TC X X X HS X X Port D6 ProxSense transmitter 6(4) - Timer 3 - channel1 - 42 25 PD7/PXS_TX7(4) / TIM3_CH2 I/O TC X X X HS X X Port D7 ProxSense transmitter 7(4) - Timer 3 - channel 2 - 43 26 1 PB0/PXS_TX8(4) / TIM3_ETR I/O TC X X X HS X X Port B0 ProxSense transmitter 8(4) - Timer 3 - external trigger - 44 -- PB1(2)/PXS_TX9 / TIM2_ETR I/O TC X X X HS X X Port B1 ProxSense transmitter 9 - -- Timer 2 - external trigger - 45 - - PB2/PXS_TX10 I/O TC X X X HS X X Port B2 ProxSense transmitter 10 - 46 - - PB3/PXS_TX11 I/O TC X X X HS X X Port B3 ProxSense transmitter 11 - 47 - - PB4/PXS_TX12 I/O TC X X X HS X X Port B4 ProxSense transmitter 12 - 48 - - PB5/PXS_TX13 I/O TC X X X HS X X Port B5 ProxSense transmitter 13 - 1. The PA0/SWIM pin is in input pull-up during the reset phase and after reset release. 2. A pull-up is applied to PA2, PA3 and PB1 during the reset phase. These three pins are input floating after reset release. 3. At power-up, the PA5/NRST pin is a reset input pin with pull-up. To be used as a general purpose pin (PA5), it can be configured only as output open-drain or push-pull, not as a general purpose input. Refer to Section Configuring NRST/PA5 pin as general purpose output in the STM8TL5xxx reference manual (RM0312). 4. Not available for STM8TL52xx. Table 4. STM8TL5xx4 pin description (continued) Pin no. Pin name Input Output Alternate function Default Remap |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |