Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC0CS25D Datasheet(PDF) 14 Page - STMicroelectronics

Part # SRC0CS25D
Description  Power-up duration determined primarily by push-button press
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRC0CS25D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SRC0CS25D Datasheet HTML 10Page - STMicroelectronics SRC0CS25D Datasheet HTML 11Page - STMicroelectronics SRC0CS25D Datasheet HTML 12Page - STMicroelectronics SRC0CS25D Datasheet HTML 13Page - STMicroelectronics SRC0CS25D Datasheet HTML 14Page - STMicroelectronics SRC0CS25D Datasheet HTML 15Page - STMicroelectronics SRC0CS25D Datasheet HTML 16Page - STMicroelectronics SRC0CS25D Datasheet HTML 17Page - STMicroelectronics SRC0CS25D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Waveforms
SRC0
14/48
DocID026008 Rev 2
4
Waveforms
Figure 7. Successful power-up on SRC0 (PB released prior to tON_BLANK expiration)
1.
PB detection on falling and rising edges.
2.
Internal pull-down resistor 300 k
 is connected to PS
HOLD input during power-up.
3.
EN signal is high even after PB release, because processor sets PSHOLD signal high before PB is
released.
PSHOLD
ignored
internal pull-down resistor
connected to PSHOLD input
VCC undervoltage detection
ignored
PB
(1)
PSHOLD
(2)
EN
(3)
RST
Push-button pressed and
PB connected to GND
tDEBOUNCE
tREC
processor
sets PSHOLD
PB released prior to t ON_BLANK
expiration
PSHOLD state detected as high
EN remains asserted
tON_BLANK
AM00247v3
INT signal is held high during power-up (i.e. until PB release in this case).
V
CC is considered VCC > VTH+.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com