Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6718 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L6718
Description  SMBus interface for power management
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6718 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L6718 Datasheet HTML 45Page - STMicroelectronics L6718 Datasheet HTML 46Page - STMicroelectronics L6718 Datasheet HTML 47Page - STMicroelectronics L6718 Datasheet HTML 48Page - STMicroelectronics L6718 Datasheet HTML 49Page - STMicroelectronics L6718 Datasheet HTML 50Page - STMicroelectronics L6718 Datasheet HTML 51Page - STMicroelectronics L6718 Datasheet HTML 52Page - STMicroelectronics L6718 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
DocID023399 Rev 3
49/71
L6718
L6718 power manager
7.5
Power state indicator (PSI)
The L6718 offers the possibility to monitor the power state status of the multi-phase rail pins
CONFIG0/PSI0 and CONFIG1/PSI1.
Since the pinstrapping configuration is set during the startup, once VREADY is pulled high
the L6718 uses an internal push/pull on these pins to monitor the device power status.
From these pins, power state (PS0, PS1, PS2, PS3) is provided as digital output (see
Table 17).
Table 17. Power status
PSI1
PSI0
PS
1
1
PS0
1
0
PS1
0
1
PS2
0
0
PS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com