Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEF033 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEF033
Description  Electronic fuse for 3.3 V line
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF033 Datasheet(HTML) 1 Page - STMicroelectronics

  STEF033 Datasheet HTML 1Page - STMicroelectronics STEF033 Datasheet HTML 2Page - STMicroelectronics STEF033 Datasheet HTML 3Page - STMicroelectronics STEF033 Datasheet HTML 4Page - STMicroelectronics STEF033 Datasheet HTML 5Page - STMicroelectronics STEF033 Datasheet HTML 6Page - STMicroelectronics STEF033 Datasheet HTML 7Page - STMicroelectronics STEF033 Datasheet HTML 8Page - STMicroelectronics STEF033 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
January 2015
DocID025099 Rev 2
1/25
STEF033
Electronic fuse for 3.3 V line
Datasheet
- production data
Features
• Continuous current typ.: 3.6 A (DFN), 2.5 A
(Flip Chip)
• N-channel on resistance (typ): 40 mΩ (DFN),
25 m
Ω (Flip Chip)
• Enable/Fault functions
• Output clamp voltage (typ): 4.5 V
• Undervoltage lockout
• Short-circuit limit
• Overload current limit
• Controlled output voltage ramp
• Thermal latch (typ): 160 °C
• Uses tiny capacitors
• Latching and auto-retry versions
• Operative junction temp. - 40 °C to 125 °C
• Available in DFN10 3x3 and Flip Chip 9 bumps
Applications
• Hard disk drives
• Solid state drives (SSD)
• Hard disk and SSD arrays
• Computer
• DVD and Blu-Ray disc drivers
Description
The STEF033 is an integrated electronic fuse
optimized for monitoring output current and the
input voltage. Connected in series to the 3.3 V
rail, it is able to protect the electronic circuitry on
its output from overcurrent and overvoltage. The
STEF033 has controlled delay and turn-on time.
When an overload condition occurs, the device
limits the output current to a predefined safe
value. If the anomalous overload condition
persists, it goes into an open state, disconnecting
the load from the power supply. If a continuous
short-circuit is present on the board, when the
power is re-applied the E-fuse initially limits the
output current to a safe value and then goes
again into the open state. The voltage clamping
circuit prevents the output voltage from exceeding
a fixed value, if the input voltage goes beyond this
threshold. The device is equipped with a thermal
protection circuit. Intervention of thermal
protection is signaled to the board-monitoring
circuits through an appropriate signal on the Fault
pin. Unlike mechanical fuses, which must be
physically replaced after a single event, the E-
fuse does not degrade in its performances
following short-circuit/thermal protection
intervention and is reset either by re-cycling the
supply voltage or using the appropriate Enable
pin. The STEF033 is also available in an auto-
retry version; in case of thermal fault it
automatically attempts to re-apply power to the
load when the die temperature returns to a safe
value.
DFN10 (3 x 3 mm)
Flip Chip 9
www.st.com


Similar Part No. - STEF033

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
Electronic fuse for 5 V line
06-Mar-2012
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
STEF05DPUR STMICROELECTRONICS-STEF05DPUR Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
STEF05PUR STMICROELECTRONICS-STEF05PUR Datasheet
1Mb / 20P
Electronic fuse for 5 V line
06-Mar-2012
More results

Similar Description - STEF033

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
Electronic fuse for 5 V line
06-Mar-2012
STEF12 STMICROELECTRONICS-STEF12 Datasheet
1Mb / 20P
Electronic fuse for 12 V line
14-Dec-2011
logo
List of Unclassifed Man...
STEF4SPUR ETC2-STEF4SPUR Datasheet
2Mb / 21P
Electronic fuse for 3.3 V and 5 V lines
logo
ON Semiconductor
NIS5431MT1TXG ONSEMI-NIS5431MT1TXG Datasheet
80Kb / 7P
3.3 Volt Electronic Fuse
November, 2015 ??Rev. 1
NIS5431 ONSEMI-NIS5431 Datasheet
81Kb / 8P
3.3 Volt Electronic Fuse
July, 2016 ??Rev. 5
logo
STMicroelectronics
STEF4S STMICROELECTRONICS-STEF4S Datasheet
641Kb / 22P
Electronic fuse for 3.3 V and 5 V lines
02-Dec-2014
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
logo
ON Semiconductor
NIS6432 ONSEMI-NIS6432_V01 Datasheet
533Kb / 13P
Electronic Fuse, 3.3/5 Volt
November, 2020 ??Rev. 5
logo
STMicroelectronics
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
Electronic fuse for 12 V line
27-Jul-2022
STEF12S STMICROELECTRONICS-STEF12S Datasheet
1Mb / 31P
Electronic fuse for 12 V line
28-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com