Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE30C Datasheet(PDF) 1 Page - STMicroelectronics

Part # LE30C
Description  Very low drop voltage regulators with inhibit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LE30C Datasheet(HTML) 1 Page - STMicroelectronics

  LE30C Datasheet HTML 1Page - STMicroelectronics LE30C Datasheet HTML 2Page - STMicroelectronics LE30C Datasheet HTML 3Page - STMicroelectronics LE30C Datasheet HTML 4Page - STMicroelectronics LE30C Datasheet HTML 5Page - STMicroelectronics LE30C Datasheet HTML 6Page - STMicroelectronics LE30C Datasheet HTML 7Page - STMicroelectronics LE30C Datasheet HTML 8Page - STMicroelectronics LE30C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
July 2008
Rev 12
1/39
39
LExxAB
LExxC
Very low drop voltage regulators with inhibit
Features
Very low dropout voltage (0.2 V typ)
Very low quiescent current (typ. 50 µA in OFF
MODE, 0.5 mA in ON MODE, no load)
Output current up to 100 mA
Output voltages of 2.5; 2.7; 3; 3.3; 3.5; 4; 4.5;
4.7; 5; 8 V
Internal current and thermal limit
Only 2.2 µF for stability
Available in ± 1 % (A) or ± 2 % (C) selection at
25 °C
Supply voltage rejection: 80 dB (typ.)
Temperature range: -40 to 125 °C
Description
The LExxAB and LExxC are very low drop voltage
regulators available in SO-8 and TO-92 packages
and in a wide range of output voltages.
The very low drop voltage (0.2 V) and the very low
quiescent current make them particularly suitable
for low noise low power applications and specially
in battery powered systems.
They are pin to pin compatible with the older
L78Lxx series. Furthermore in the 8 pin
configuration (SO-8) they employ a shutdown
logic control (pin 5, TTL compatible). This means
that when the device is used as a local regulator,
it’s possible to put in stand by a part of the board
even more decreasing the total power
consumption. In the three terminal configuration
(TO-92) the device is even in ON STATE,
maintaining the same electrical performances. It
needs only 2.2 µF capacitor for stability allowing
room and cost saving effect.
SO-8
TO-92
Table 1.
Device summary
Part numbers
LE25AB
LE35C
LE47AB
LE27AB
LE35AB
LE50C
LE30C
LE40C
LE50AB
LE33C
LE45C
LE80C
LE33AB
LE45AB
LE80AB
www.st.com


Similar Part No. - LE30C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LE30C STMICROELECTRONICS-LE30C Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE30C STMICROELECTRONICS-LE30C Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
LE30CD STMICROELECTRONICS-LE30CD Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE30CD-TR STMICROELECTRONICS-LE30CD-TR Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
LE30CD-TR STMICROELECTRONICS-LE30CD-TR Datasheet
1Mb / 24P
Very low-dropout voltage regulator with inhibit function
03-May-2017
More results

Similar Description - LE30C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LK115D00 STMICROELECTRONICS-LK115D00 Datasheet
81Kb / 10P
VERY LOW DROP WITH INHIBIT VOLTAGE REGULATORS
Sep-1998
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com