| Electronic Components Datasheet Search |
|
STUSB1602 Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB1602 Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 55 page ![]() I2C interface STUSB1602 24/55 DocID028319 Rev 2 5 I2C interface 5.1 Read and write operations The I²C interface is used to configure, control and read the operation status of the device. It is compatible with the Philips I²C Bus® (version 2.1). The I²C is a slave serial interface based on two signals: • SCL - Serial clock line: input clock used to shift data • SDA - Serial data line: input/output bidirectional data transfers A filter rejects the potential spikes on the bus data line to preserve data integrity. The bidirectional data line supports transfers up to 400 Kbit/s (fast mode). The data are shifted to and from the chip on the SDA line, MSB first. The first bit must be high (START) followed by the 7-bit device address and the read/write control bit. Two 7-bit device addresses are available for the STUSB1602 thanks to external programming of DevADDR0 through ADDR0 pin setting, i.e. 0x28 or 0x29. This allows two STUSB1602 devices to be connected on the same I2C bus. Figure 5. Read operation Table 11. Device address format Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 DevADDR6 DevADDR5 DevADDR4 DevADDR3 DevADDR2 DevADDR1 DevADDR0 R/W 0101 00 ADDR0 0/1 Table 12. Register address format Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 RegADDR7 RegADDR6 RegADDR5 RegADDR4 RegADDR3 RegADDR2 RegADDR1 RegADDR0 Table 13. Register data format Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 DATA7 DATA6 DATA5 DATA4 DATA3 DATA2 DATA1 DATA0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |