Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STUSB1600 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 19Page - STMicroelectronics STUSB1600 Datasheet HTML 20Page - STMicroelectronics STUSB1600 Datasheet HTML 21Page - STMicroelectronics STUSB1600 Datasheet HTML 22Page - STMicroelectronics STUSB1600 Datasheet HTML 23Page - STMicroelectronics STUSB1600 Datasheet HTML 24Page - STMicroelectronics STUSB1600 Datasheet HTML 25Page - STMicroelectronics STUSB1600 Datasheet HTML 26Page - STMicroelectronics STUSB1600 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
DocID028937 Rev 1
23/69
STUSB1600
Features description
69
•
In source power role, a debug accessory device is detected when both the CC1 and
CC2 pins are pulled down to ground by an Rd resistor from the connected device. The
orientation detection is performed in two steps as described in the table below. The
DEBUG2 pin is asserted to advertise the DTS detection and the A_B_SIDE pin
indicates the orientation of the connection. The orientation detection is advertised
through the TYPEC_FSM_STATE bits of the I2C register CC_OPERATION_STATUS
(see Section 5.1: Register description).
Table 11. Orientation detection in source power role
#
CC1 pin
(CC2 pin)
CC2 pin
(CC1 pin)
Detection
process
A_B_SIDE pin
CC1/CC2
(CC2/CC1)
Orientation detection state
TYPEC_FSM_STATE bits value
1Rd
Rd
1st step: debug
accessory mode
detected
HiZ (HiZ)
UnorientedDebugAccessory.SRC
2Rd
≤ Ra
2nd step:
orientation
detected (DTS
presents a
resistance to GND
with a value ≤ Ra
on its CC2 pin)
HiZ (0)
OrientedDebugAccessory.SRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com