Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGP10H60DF Datasheet(PDF) 23 Page - STMicroelectronics

Part # STGP10H60DF
Description  Trench gate field-stop IGBT, H series 600 V, 10 A high speed
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10H60DF Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STGP10H60DF Datasheet HTML 16Page - STMicroelectronics STGP10H60DF Datasheet HTML 17Page - STMicroelectronics STGP10H60DF Datasheet HTML 18Page - STMicroelectronics STGP10H60DF Datasheet HTML 19Page - STMicroelectronics STGP10H60DF Datasheet HTML 20Page - STMicroelectronics STGP10H60DF Datasheet HTML 21Page - STMicroelectronics STGP10H60DF Datasheet HTML 22Page - STMicroelectronics STGP10H60DF Datasheet HTML 23Page - STMicroelectronics STGP10H60DF Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
DocID025111 Rev 2
23/24
STGB10H60DF, STGF10H60DF, STGP10H60DF
Revision history
24
6
Revision history
Table 13. Document revision history
Date
Revision
Changes
12-Aug-2013
1
Initial release.
31-Oct-2013
2
Document status promoted from preliminary to production data.
Inserted
Section 2.1: Electrical characteristics (curves).
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com