Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGF5H60DF Datasheet(PDF) 29 Page - STMicroelectronics

Part # STGF5H60DF
Description  Trench gate field-stop IGBT, H series 600 V, 5 A high speed
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF5H60DF Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STGF5H60DF Datasheet HTML 22Page - STMicroelectronics STGF5H60DF Datasheet HTML 23Page - STMicroelectronics STGF5H60DF Datasheet HTML 24Page - STMicroelectronics STGF5H60DF Datasheet HTML 25Page - STMicroelectronics STGF5H60DF Datasheet HTML 26Page - STMicroelectronics STGF5H60DF Datasheet HTML 27Page - STMicroelectronics STGF5H60DF Datasheet HTML 28Page - STMicroelectronics STGF5H60DF Datasheet HTML 29Page - STMicroelectronics STGF5H60DF Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
DocID027233 Rev 3
29/30
STGB5H60DF, STGD5H60DF, STGF5H60DF, STGP5H60DF
Revision history
30
5
Revision history
Table 15. Document revision history
Date
Revision
Changes
28-Nov-2014
1
Initial release.
23-Feb-2015
2
Updated Section 2: Electrical characteristics and Section 4: Package
information.
Minor text changes.
18-May-2015
3
Text and formatting changes throughout document
In Section 1: Electrical ratings:
- updated Table 2 and Table 3
In Section 2: Electrical characteristics:
- updated Table 4, Table 5, Table 6, Table 7 and Table 8
Added Section 2.1: Electrical characteristics (curves)
Updated Section 4.2: DPAK package information
Document status promoted from “preliminary data” to “production
data”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com