Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STFN42 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFN42
Description  High voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFN42 Datasheet(HTML) 1 Page - STMicroelectronics

  STFN42 Datasheet HTML 1Page - STMicroelectronics STFN42 Datasheet HTML 2Page - STMicroelectronics STFN42 Datasheet HTML 3Page - STMicroelectronics STFN42 Datasheet HTML 4Page - STMicroelectronics STFN42 Datasheet HTML 5Page - STMicroelectronics STFN42 Datasheet HTML 6Page - STMicroelectronics STFN42 Datasheet HTML 7Page - STMicroelectronics STFN42 Datasheet HTML 8Page - STMicroelectronics STFN42 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 2012
Doc ID 12193 Rev 3
1/10
10
STFN42
High voltage fast-switching
NPN power transistor
Features
■ High voltage capability
■ Very high switching speed
Applications
■ Electronic ballasts for fluorescent lighting
■ Battery charger
Description
This device is a high voltage fast-switching NPN
power transistor, manufactured using high voltage
multi-epitaxial planar technology for high
switching speeds.
It employs a cellular emitter structure with planar
edge termination to enhance switching speeds,
while maintaining a wide RBSOA.
Figure 1.
Internal schematic diagram
SOT-89
4
1
2
3
(2, 4)
C
(1)
B
E
(3)
Table 1.
Device summary
Order code
Marking
Packages
Packaging
STFN42
N42
SOT-89
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STFN42

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFN STMICROELECTRONICS-STFN Datasheet
258Kb / 8P
N-CHANNEL 30V - 0.039W - 4A SOT23-6L STripFET II POWER MOSFET
Mar-2003
More results

Similar Description - STFN42

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com