Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCF04 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STCF04
Description  High power white LED SuperCap™ driver with I²C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STCF04 Datasheet HTML 14Page - STMicroelectronics STCF04 Datasheet HTML 15Page - STMicroelectronics STCF04 Datasheet HTML 16Page - STMicroelectronics STCF04 Datasheet HTML 17Page - STMicroelectronics STCF04 Datasheet HTML 18Page - STMicroelectronics STCF04 Datasheet HTML 19Page - STMicroelectronics STCF04 Datasheet HTML 20Page - STMicroelectronics STCF04 Datasheet HTML 21Page - STMicroelectronics STCF04 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Detailed description
STCF04
18/43
Doc ID 022927 Rev 3
Data transmission from the main microprocessor to the STCF04 and vice versa takes place
through the 2 I²C bus interface wires, consisting of the two lines SDA and SCL (pull-up
resistors to a positive supply voltage must be externally connected).
8.1.8
Data validity
As shown in
Figure 5, the data on the SDA line must be stable during the high period of the
clock. The HIGH and LOW state of the data line can only change when the clock signal on
the SCL line is LOW.
8.1.9
START and STOP conditions
Both data and clock lines remain HIGH when the bus is not busy. As shown in
Figure 6, a
START condition is a HIGH to LOW transition of the SDA line while SCL is HIGH. The STOP
condition is a LOW to HIGH transition of the SDA line while SCL is HIGH. A STOP condition
must be sent before each START condition.
Figure 5.
Data validity on the I²C bus
CS11340
Figure 6.
Timing diagram on I²C bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com